Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP_SERIES Datasheet(PDF) 5 Page - Copal Electronics

Part # LP_SERIES
Description  Illuminated Pushbutton Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP_SERIES Datasheet(HTML) 5 Page - Copal Electronics

  LP_SERIES Datasheet HTML 1Page - Copal Electronics LP_SERIES Datasheet HTML 2Page - Copal Electronics LP_SERIES Datasheet HTML 3Page - Copal Electronics LP_SERIES Datasheet HTML 4Page - Copal Electronics LP_SERIES Datasheet HTML 5Page - Copal Electronics LP_SERIES Datasheet HTML 6Page - Copal Electronics LP_SERIES Datasheet HTML 7Page - Copal Electronics LP_SERIES Datasheet HTML 8Page - Copal Electronics LP_SERIES Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LP1S(SPDT・DPDT)
LP1W(SPDT・DPDT)
Part No.
Switching function
LP1S
−16□−□−Z
ON
(ON)
LP1S
−17□−□−Z
ON
ON
Connected Terminals
(C1)−(2)(C1)−(1)
LP1S
−26□−□−Z
ON
(ON)
LP1S
−27□−□−Z
ON
ON
Connected Terminals
(C1)−(2)
(C2)−(4)
(C1)−(1)
(C2)−(3)
Part No.
Switching function
LP1W
−16□−□−Z
ON
(ON)
LP1W
−17□−□−Z
ON
ON
Connected Terminals
(C1)−(2)(C1)−(1)
LP1W
−26□−□−Z
ON
(ON)
LP1W
−27□−□−Z
ON
ON
Connected Terminals
(C1)−(2)
(C2)−(4)
(C1)−(1)
(C2)−(3)
●1 pole versions do not have terminals (3), (4), and (C2).
●1 pole versions do not have Terminals (3), (4), and (C2).
LP
(Nonilluminated)
Latch Position
Total Travel
■Table of Part Numbers
Cap color
Silver contacts
Gold contacts
1 pole
2 poles
1 pole
2 poles
White
 LP1S−16S−W−Z ☆LP1S−26S−W−Z ☆LP1S−16G−W−Z  LP1S−26G−W−Z
Red
☆LP1S−16S−R−Z ☆LP1S−26S−R−Z ☆LP1S−16G−R−Z ★LP1S−26G−R−Z
Black
☆LP1S−16S−K−Z ☆LP1S−26S−K−Z ☆LP1S−16G−K−Z ★LP1S−26G−K−Z
Gray
☆LP1S−16S−G−Z ★LP1S−26S−G−Z ☆LP1S−16G−G−Z ★LP1S−26G−G−Z
White
☆LP1S−17S−W−Z ☆LP1S−27S−W−Z ★LP1S−17G−W−Z ☆LP1S−27G−W−Z
Red
★LP1S−17S−R−Z ★LP1S−27S−R−Z ★LP1S−17G−R−Z ★LP1S−27G−R−Z
Black
★LP1S−17S−K−Z ☆LP1S−27S−K−Z ☆LP1S−17G−K−Z ★LP1S−27G−K−Z
Gray
★LP1S−17S−G−Z ★LP1S−27S−G−Z ★LP1S−17G−G−Z ★LP1S−27G−G−Z
■Table of Part Numbers
Cap color
Silver contacts
Gold contacts
1 pole
2 poles
1 pole
2 poles
White
☆LP1W−16S−W−Z ★LP1W−26S−W−Z ★LP1W−16G−W−Z ★LP1W−26G−W−Z
Red
★LP1W−16S−R−Z ☆LP1W−26S−R−Z ★LP1W−16G−R−Z ★LP1W−26G−R−Z
Black
★LP1W−16S−K−Z ☆LP1W−26S−K−Z ★LP1W−16G−K−Z ★LP1W−26G−K−Z
Gray
★LP1W−16S−G−Z ★LP1W−26S−G−Z ★LP1W−16G−G−Z ★LP1W−26G−G−Z
White
★LP1W−17S−W−Z ★LP1W−27S−W−Z ★LP1W−17G−W−Z ★LP1W−27G−W−Z
Red
★LP1W−17S−R−Z ★LP1W−27S−R−Z ★LP1W−17G−R−Z ★LP1W−27G−R−Z
Black
★LP1W−17S−K−Z
LP1W−27S−K−Z ★LP1W−17G−K−Z ★LP1W−27G−K−Z
Gray
☆LP1W−17S−G−Z ★LP1W−27S−G−Z ★LP1W−17G−G−Z ★LP1W−27G−G−Z
PC
PC Mount
PC
PC Mount
:Inquiry products.
★:Made to order products.
☆:Semi-standard products.
(ON)
:Momentary
●Terminal numbers are shown on the
bottom of the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com