Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP_SERIES Datasheet(PDF) 4 Page - Copal Electronics

Part # LP_SERIES
Description  Illuminated Pushbutton Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP_SERIES Datasheet(HTML) 4 Page - Copal Electronics

  LP_SERIES Datasheet HTML 1Page - Copal Electronics LP_SERIES Datasheet HTML 2Page - Copal Electronics LP_SERIES Datasheet HTML 3Page - Copal Electronics LP_SERIES Datasheet HTML 4Page - Copal Electronics LP_SERIES Datasheet HTML 5Page - Copal Electronics LP_SERIES Datasheet HTML 6Page - Copal Electronics LP_SERIES Datasheet HTML 7Page - Copal Electronics LP_SERIES Datasheet HTML 8Page - Copal Electronics LP_SERIES Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
■Terminal Style
LP1
LP2
Terminal style
LED terminal style
■LED SpeciÄcation
LP
Type
LED Q'ty
Internal LED wiring
LP1S
LP2S
Single
LP1W
LP2W
Double
Symbol
Color
IF
VF
VR
Nom.
Max.
2
Red
30mA
2.0V
2.8V
DC4V
5
Green
25mA
2.1V
2.8V
DC4V
8
Yellow
30mA
2.2V
2.8V
DC4V
Current to be applied to the LED must be lower than the forward
current (IF) indicated in the LED Specifications of each switches.
Resistance value R should be calculated using the following formula.
●Case of static lighting system.
●Case of dynamic lighting system.
●When LEDs are used by a pulse
 lighting system
●Calculation Example
Pw
Dr
IFM
E
VF
: 0.1 msec.
: 1/10
: 50mA(All colors)
: 5V
: 2V
R =
= 60
(Ω)
5 − 2
0.05
R =
E − VF
IF
R =
E − VF
IFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com