Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS Datasheet(PDF) 9 Page - Copal Electronics

Part # MFS
Description  Sub-miniature Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MFS Datasheet(HTML) 9 Page - Copal Electronics

  MFS Datasheet HTML 1Page - Copal Electronics MFS Datasheet HTML 2Page - Copal Electronics MFS Datasheet HTML 3Page - Copal Electronics MFS Datasheet HTML 4Page - Copal Electronics MFS Datasheet HTML 5Page - Copal Electronics MFS Datasheet HTML 6Page - Copal Electronics MFS Datasheet HTML 7Page - Copal Electronics MFS Datasheet HTML 8Page - Copal Electronics MFS Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
★:Made to order products.
MFS
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
12
ON
ON
2−1
5−4
8−7
11−10
2−3
5−6
8−9
11−12
■PC Hole Layouts
  
(Top view)
Terminal numbers are not shown on the switch.
Rating
Max.
DC30V 0.3A(Resistive load)
Min.
DC5V 10mA(Resistive load)
Initial contact resistance
20mΩ Max.
Dielectric strength
AC500V 1 minute
Insulation resistance
100MΩ Min.
Electrical life
5,000 cycles
Operating force
0.98 N Max.
(No detent)
Switch timing
Shorting
★ MFS401N−2−Z
Shorting
■Soldering
⑴Manual Soldering
Device : Soldering iron
Please refer to MFS Series Heat-resistant Table
shown below.
⑵Auto Soldering
MFS series are not compatible with auto soldering.
Soldering should be done manually.
⑶When soldering two or more terminals to the common
land, use solder resist to solder them independently.
■Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵MSF Series are not process sealed. If the PC board is to be
cleaned, clean the soldering surface of substrate with a brush
so that the switch is not exposed to the cleaning solution.
■Frequency of switch use
If the switch is not likely to be operated frequently (e.g.
two or three operations a year) in the dry circuit area,
a sulfide film is likely to be formed on the contacts,
resulting in contact failure. If this is the case, gold-
plated products are recommended. Please contact your
local Nidec Copal Electronics sales representative.
■MFS series heat-resistant table
Resin board
MFS101D−6−Z
270℃ MAX. 3sec MAX.
MFS101D−9−Z
MFS101D−11−Z
MFS101D−15−Z
Phenol board
MFS101D−8−Z
360℃ MAX. 3sec MAX.
MFS201N−19−Z
MFS201N−20−Z
MFS101D−10−Z
MFS101D−14−Z
MFS201N−Z
MFS201N−4−Z
MFS201N−9−Z
MFS201N−16−Z
MFS201N−21−Z
MFS201N−23−Z
MFS201N−24−Z
MFS201PA−4−Z
MFS101EA−Z
MFS201PA−5−Z
MFS401N−2−Z
Type
Spec
Quantity
LOT NO
Date Code
MADE
IN CHINA
FUJISOKU
  〔RoHS〕
Plastic Bag
shorting
→Page 531.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com