Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS Datasheet(PDF) 1 Page - Copal Electronics

Part # MFS
Description  Sub-miniature Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MFS Datasheet(HTML) 1 Page - Copal Electronics

  MFS Datasheet HTML 1Page - Copal Electronics MFS Datasheet HTML 2Page - Copal Electronics MFS Datasheet HTML 3Page - Copal Electronics MFS Datasheet HTML 4Page - Copal Electronics MFS Datasheet HTML 5Page - Copal Electronics MFS Datasheet HTML 6Page - Copal Electronics MFS Datasheet HTML 7Page - Copal Electronics MFS Datasheet HTML 8Page - Copal Electronics MFS Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(3)
(1)
(2)
10
2
2
2.5 Stroke
3
2-φ1.2
8
φ0.7
1.2
8
ON ー ON
ONー ONーON
ON ー ON
ONー ONーON
D
EA
N
PA
1−pole or 3−pole
2 poles or 4−pole
1−pole
2−pole
4−pole
MFS  101  D  −  6   −   Z
Series code
Number of poles
Switching function
Registration number
101
201
401
MFS
Sub-miniature Switches
RoHS Compliant
●Initial contact resistance
Measured at 1.5mA 200μVAC 1kHz
●Dilectric strength
Measurement at 500 V AC.
●Insulation Resistance
Measured at 500VDC
●Operating temperature range
−10℃∼+70℃
Rating
Max.
DC10V 0.3A(Resistive load)
Min.
DC5V 10mA(Resistive load)
Initial contact resistance
20mΩ Max.
Dielectric strength
AC500V 1 minute
Insulation resistance
100MΩ Min.
Electrical life
5,000 cycles
Operating force
0.98∼2.94N
Switch timing
Non-shorting
■Part Numbering
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
3
ON
ON
2−32−1
MFS101D−6−Z
Non-shorting
Terminal numbers are not shown on the switch.
■PC Hole Layouts
  
(Top view)
(1)
(3)
(2)


Similar Part No. - MFS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MFS MSYSTEM-MFS Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
logo
KITAGAWA GmbH
MFS-1000 KGS-MFS-1000 Datasheet
332Kb / 1P
Snap-mount clip for flat cables
logo
M-System Co.,Ltd.
MFS-P-444-B MSYSTEM-MFS-P-444-B Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
MFS-P-444-B/Q MSYSTEM-MFS-P-444-B/Q Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
MFS-P-444-C MSYSTEM-MFS-P-444-C Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MFS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
SUB-MINIATURE SLIDE SWITCHES
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
Sub-Miniature Slide Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
TOGGLE SWITCHES - SUB MINIATURE
200A E-SWITCH-200A Datasheet
414Kb / 4P
TOGGLE SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com