Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS Datasheet(PDF) 4 Page - Copal Electronics

Part # MFS
Description  Sub-miniature Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MFS Datasheet(HTML) 4 Page - Copal Electronics

  MFS Datasheet HTML 1Page - Copal Electronics MFS Datasheet HTML 2Page - Copal Electronics MFS Datasheet HTML 3Page - Copal Electronics MFS Datasheet HTML 4Page - Copal Electronics MFS Datasheet HTML 5Page - Copal Electronics MFS Datasheet HTML 6Page - Copal Electronics MFS Datasheet HTML 7Page - Copal Electronics MFS Datasheet HTML 8Page - Copal Electronics MFS Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Stroke
Stroke
Full stroke
MFS
Rating
Max.
DC30V 0.3A
AC30V 2A (Resistive load)
Min.
DC5V 10mA(Resistive load)
Initial contact resistance
20mΩ Max.
Dielectric strength
AC500V 1 minute
Insulation resistance
100MΩ Min.
Electrical life
5,000 cycles at DC30V 0.3A
100cycles at AC30V 2A
Operating force
2.45±0.98N 1.47±0.98N
Switch timing
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
4
ON
ON
ON
3−13−23−4
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
6
ON
ON
2−1
5−4
2−3
5−6
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
6
ON
ON
2−1
5−4
2−3
5−6
☆MFS101EA−Z
  ※[Note] See below.
MFS201N−Z
MFS201N−4−Z
■PC Hole Layouts
  
(Top view)
■Panel Cut−Out Dimensions
  
(Top view)
■PC Hole Layouts
  
(Top view)
Terminal numbers are not shown on the switch.
: Operating force from the center to the outer side (right or left).
: Operating force from the outer side (right or left) to the center.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Rating
Max.
AC125V 1A・DC30V 1A
Min.
DC5V 10mA(Resistive load)
Initial contact resistance
30mΩ Max.
Dielectric strength
AC500V 1 minute
Insulation resistance
300MΩ Min.
Electrical life
5,000 cycles
Operating force
0.98∼4.9N
Switch timing
Non-shorting
Rating
Max.
AC125V 1A・DC30V 1A
Min.
DC5V 10mA(Resistive load)
Initial contact resistance
20mΩ Max.
Dielectric strength
AC500V 1 minute
Insulation resistance
300MΩ Min.
Electrical life
5,000 cycles
Operating force
1.47∼4.41N
Switch timing
Non-shorting
Non-shorting
Non-shorting
☆:Semi-standard products.
※:Please note that MFS101EA-Z can be either Shorting or Non-shorting.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com