Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2901 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM2901 Datasheet HTML 23Page - Texas Instruments PCM2901 Datasheet HTML 24Page - Texas Instruments PCM2901 Datasheet HTML 25Page - Texas Instruments PCM2901 Datasheet HTML 26Page - Texas Instruments PCM2901 Datasheet HTML 27Page - Texas Instruments PCM2901 Datasheet HTML 28Page - Texas Instruments PCM2901 Datasheet HTML 29Page - Texas Instruments PCM2901 Datasheet HTML 30Page - Texas Instruments PCM2901 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
PCM2901
PCM2903
SLES034B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
27
D+/D−
2.5 V (Typ.)
0 V
Internal Reset
Ready for Setup
SOF
Ready for Playback
SEL1 (Pin 9)
Bus Reset
Set Configuration
SOF
SOF
BPZ
Bus Idle
3.3 V
(Typ.)
5 V = VBUS
(Typ.)
1st Audio Data
2nd Audio Data
SSPND
VOUTL
VOUTR
700
µs
Device Setup
1 ms
VDD (Pin 27)
Figure 36. Power-On Under Attach
Play, Stop, and Detach Sequence
When the host finishes or aborts the playback, the PCM2901/2903 stops playing after the last audio data has
played.
Record Sequence
The PCM2901/2903 starts the audio capture into the internal memory after receiving the SET_INTERFACE
command.
Suspend and Resume Sequence
The PCM2901/2903 enters the suspend state after it sees a constant idle state on the USB bus, approximately
5 ms. While the PCM2901/2903 enters the suspend state, the SSPND flag (pin 28) is asserted. The
PCM2901/2903 wakes up immediately after detecting a non-idle state on the USB bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com