Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2901 Datasheet(HTML) 3 Page - Texas Instruments

  PCM2901 Datasheet HTML 1Page - Texas Instruments PCM2901 Datasheet HTML 2Page - Texas Instruments PCM2901 Datasheet HTML 3Page - Texas Instruments PCM2901 Datasheet HTML 4Page - Texas Instruments PCM2901 Datasheet HTML 5Page - Texas Instruments PCM2901 Datasheet HTML 6Page - Texas Instruments PCM2901 Datasheet HTML 7Page - Texas Instruments PCM2901 Datasheet HTML 8Page - Texas Instruments PCM2901 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
PCM2901
PCM2903
SLES034B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VCCC = VCCP1 = VCCP2 = VCCX = VDD = 3.3 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM2901E, PCM2903E
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input/Output
Host interface
Apply USB Revision 1.1,
full speed
Audio data format
USB isochronous data format
Input Logic
D+, D−
2
VDD
VIH
High-level input voltage
XTI, HID0, HID1, and HID2
0.7 VDD
VDD
VDC
VIH
High-level input voltage
SEL0, SEL1
2
5.25
VDC
DIN, PCM2903
0.7 VDD
5.25
D+, D−
VDD
0.8
VIL
Low-level input voltage
XTI, HID0, HID1, and HID2
0.3VDD
VDC
VIL
Low-level input voltage
SEL0, SEL1
0.8
VDC
DIN, PCM2903
0.3VDD
D+, D−, XTI, SEL0, SEL1
VIN = 3.3 V
±10
IIH
High-level input current
HID0, HID1, and HID2
VIN = 3.3 V
50
80
µA
IIH
High-level input current
DIN, PCM2903
VIN = 3.3 V
65
100
µA
D+, D−, XTI, SEL0, SEL1
VIN = 0 V
±10
IIL
Low-level input current
HID0, HID1, and HID2
VIN = 0 V
±10
µA
IIL
Low-level input current
DIN, PCM2903
VIN = 0 V
±10
µA
Output Logic
D+, D−
2.8
VOH
High-level output voltage
DOUT, PCM2903
IOH = –4 mA
2.8
VDC
VOH
High-level output voltage
SSPND
IOH = –2 mA
2.8
VDC
D+, D−
0.3
VOL
Low-level output voltage
DOUT, PCM2903
IOL = 4 mA
0.5
VDC
VOL
Low-level output voltage
SSPND
IOL = 2 mA
0.5
VDC
Clock Frequency
Input clock frequency, XTI
11.994
12
12.006
MHz
ADC Characteristics
Resolution
8, 16
bits
Audio data channel
1, 2
channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com