Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2901 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM2901 Datasheet HTML 25Page - Texas Instruments PCM2901 Datasheet HTML 26Page - Texas Instruments PCM2901 Datasheet HTML 27Page - Texas Instruments PCM2901 Datasheet HTML 28Page - Texas Instruments PCM2901 Datasheet HTML 29Page - Texas Instruments PCM2901 Datasheet HTML 30Page - Texas Instruments PCM2901 Datasheet HTML 31Page - Texas Instruments PCM2901 Datasheet HTML 32Page - Texas Instruments PCM2901 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
PCM2901
PCM2903
SLES034B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
29
PCM2901 TYPICAL CIRCUIT CONNECTION
Figure 40 illustrates a typical circuit connection for a simple application. The circuit illustrated is for information
only. The whole board design should be considered to meet the USB specification as a USB compliant product.
NOTE:
IC1 must be driven by VDD with a 5-V tolerant input.
C1, C2, C3, C4, C7, C8: 10 µF
C5, C6: 10 pF to 33 pF (depending on crystal resonator)
C9, C10, C11, C12: The capacitance may vary depending on design.
D+
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
PCM2901
D−
VBUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
VCCC
SSPND
XTI
VDD
DGND
TEST1
TEST0
XTO
VCCP2
AGNDX
VCCX
D+
D−
MUTE/
Power Down
C1
11
12
13
14
AGNDC
VINL
VINR
VCOM
18
17
16
15
VCCP1
VOUTL
VOUTR
AGNDP
22
Ω
22
Ω
VDD (3.3 V)
1.5 k
Ω x 3
IC1
1.5 k
Ω
GND
VBUS
1 M
Ω
C2
C9
C10
VCC (3.3 V)
1 M
Ω
12 MHz
C5
C6
C3
C4
C7
C8
C11
C12
LPF,
Amp
LPF,
Amp
Figure 40. Self-Powered Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com