Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461ARMZ-R7 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7461ARMZ-R7
Description  Temperature Monitor with Series Resistance Cancellation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461ARMZ-R7 Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7461ARMZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADT7461
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Temperature Error vs. Leakage Resistance
Figure 4. Temperature Error vs. Actual
Temperature Using 2N3906
Figure 5. Temperature Error vs. Differential Mode
Noise Frequency (With and Without R-C-R Filter
of 100 W - 2.2 nF - 100 W)
Figure 6. Temperature Error vs. Power Supply
Noise Frequency
Figure 7. Temperature Error vs. Capacitance
Between D+ and D−
Figure 8. Temperature Error vs. 100 mV
Differential Mode Noise Frequency (With and
Without R-C-R Filter of 100 W - 2.2 nF - 100 W)
40mV NO FILTER
60mV NO FILTER
40mV WITH FILTER
60mV WITH FILTER
LEAKAGE RESISTANCE (MW)
0
−80
D+ To VCC
D+ To GND
20
40
60
80
100
−60
−40
−20
0
20
40
60
TEMPERATURE (°C)
−3
−0.8
−10 10
30
50
70
90 110 130 150
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0
FREQUENCY (MHz)
0
−2
100
200
300
400
500
600
−1
−0
1
2
3
4
FREQUENCY (MHz)
0
−15
20
40
−10
−5
0
5
10
15
20
250 mV EXTERNAL
250 mV INTERNAL
100 mV INTERNAL
100 mV EXTERNAL
CAPACITANCE (nF)
0
−70
510
15
20
25
−60
−50
−40
−30
−20
−10
0
FREQUENCY (MHz)
0
−20
100 mV
NO FILTER
100
200
300
400
500
600
0
20
60
40
80
100
120
140
160
180
100 mV WITH FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com