Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461ARMZ-R7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADT7461ARMZ-R7
Description  Temperature Monitor with Series Resistance Cancellation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461ARMZ-R7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADT7461ARMZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADT7461
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS (Cont’d)
Figure 9. Temperature Error vs. Common-Mode
Noise Frequency (With and Without R-C-R Filter
of 100 W 2.2 nF - 100 W)
Figure 10. Standby Supply Current vs. Clock
Frequency
Figure 11. Standby Current vs. Supply Voltage
Figure 12. Temperature Error vs. 100 mV
Common-Mode Noise Frequency (With and
Without R-C-R Filter of 100 W - 2.2 nF - 100 W)
Figure 13. Operating Supply Current vs.
Conversion Rate
Figure 14. Temperature Error vs. Series
Resistance
40mV NO FILTER
60mV NO FILTER
40mV WITH FILTER
60mV WITH FILTER
FREQUENCY (MHz)
0
−2
100
200
300
400
500
600
−1
−0
1
2
3
4
SCL CLOCK FREQUENCY (kHz)
0
0
5.5 V
50
100 150 200 250 300 350 400
5
10
15
20
25
30
35
40
3 V
VDD (V)
3.0
0
3.4
3.8
4.2
4.6
5.0
5.4
1
2
3
4
5
6
7
FREQUENCY (MHz)
0
−5
100 mV
NO FILTER
100
200
300
400
500
600
100 mV WITH FILTER
5
15
25
35
45
55
CONVERSION RATE (Hz)
0.01
0
0.1
1
10
100
3 V
100
200
300
400
500
600
700
800
5.5 V
SERIES RESISTANCE (W)
0
−5
2
10
200
1k
2k
3k
4k
0
5
10
15
20
25
30
35
40
45
50
3.3 V T = −30
3.3 V T = +25
3.3 V T = +120
5.5 V T = −30
5.5 V T = +25
5.5 V T = +120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com