Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7461ARMZ-R7 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7461ARMZ-R7
Description  Temperature Monitor with Series Resistance Cancellation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461ARMZ-R7 Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7461ARMZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7461ARMZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADT7461
http://onsemi.com
4
Table 5. ELECTRICAL CHARACTERISTICS (TA = −40°C to +120°C, VDD = 3.0 V to 5.5 V, unless otherwise noted).
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
Supply Voltage, VDD
3.0
3.30
5.5
V
Average Operating Supply Current, IDD
0.0625 Conversions/Sec Rate (Note 1)
Standby Mode, –40°C ≤ TA ≤ +85°C
Standby Mode, +85°C ≤ TA ≤ +120°C
−
−
−
170
5.5
5.5
215
10
20
mA
Undervoltage Lockout Threshold
VDD input, disables ADC, rising edge
2.2
2.55
2.8
V
Power-On-Reset Threshold
1.0
−
2.5
V
Temperature-To-Digital Converter
Local Sensor Accuracy
−40°C ≤ TA ≤ +100°C, 3.0 V ≤ VDD ≤ 3.6 V
−
±1.0
±3.0
°C
Resolution
−
1.0
−
°C
Remote Diode Sensor Accuracy
+60°C ≤ TA ≤ +100°C,
−55°C ≤ TD (Note 2) ≤ +150°C, 3.0 V ≤ VDD ≤ 3.6 V
−40°C ≤ TA ≤ +120°C,
−55°C ≤ TD (Note 2) ≤ +150°C, 3.0 V ≤ VDD ≤ 5.5 V
−
−
−
−
±1.0
±3.0
°C
Resolution
−
0.25
−
°C
Remote Sensor Source Current
High Level (Note 3)
Middle Level (Note 3)
Low Level (Note 3)
−
−
−
96
36
6.0
−
−
−
mA
Conversion Time
From stop bit to conversion complete (both channels),
one-shot mode with averaging switched on
One-shot mode with averaging off (that is, conversion
rate = 16, 32, or 64 conversions per second)
32.13
3.2
−
−
114.6
12.56
ms
Maximum Series Resistance Cancelled
Resistance split evenly on both the D+ and D– inputs
−
3.0
−
kW
Open-Drain Digital Outputs (THERM, ALERT/THERM2)
Output Low Voltage, VOL
IOUT = −6.0 mA (Note 3)
−
−
0.4
V
High Level Output Leakage Current, IOH
VOUT = VDD (Note 3)
−
0.1
1.0
mA
ALERT Output Low Sink Current
ALERT Forced to 0.4 V
1.0
−
−
mA
SMBus Interface (Note 3 and 4)
Logic Input High Voltage, VIH SCLK, SDATA
3.0 V ≤ VDD ≤ 3.6 V
2.1
−
−
V
Logic Input Low Voltage, VIL SCLK, SDATA
3.0 V ≤ VDD ≤ 3.6 V
−
−
0.8
V
Hysteresis
−
500
−
mV
SMBus Output Low Sink Current
SDATA Forced to 0.6 V
6.0
−
−
mA
Logic Input Current, IIH, IIL
−1.0
−
+1.0
mA
SMBus Input Capacitance, SCLK, SDATA
−
5.0
−
pF
SMBus Clock Frequency
−
−
400
kHz
SMBus Timeout (Note 5)
User Programmable
−
25
64
ms
SCLK Falling Edge to SDATA Valid Time
Master Clocking in Data
−
−
1.0
ms
1. See Table 9 for information on other conversion rates.
2. Guaranteed by characterization, but not production tested.
3. Guaranteed by design, but not production tested.
4. See the SMBUS Timing Specifications section for more information.
5. Disabled by default; see the Serial Bus Interface section for details on enabling it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com