Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 17Page - Texas Instruments TUSB1210 Datasheet HTML 18Page - Texas Instruments TUSB1210 Datasheet HTML 19Page - Texas Instruments TUSB1210 Datasheet HTML 20Page - Texas Instruments TUSB1210 Datasheet HTML 21Page - Texas Instruments TUSB1210 Datasheet HTML 22Page - Texas Instruments TUSB1210 Datasheet HTML 23Page - Texas Instruments TUSB1210 Datasheet HTML 24Page - Texas Instruments TUSB1210 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
5.3.1.3.6 UART Transceiver
In this mode, the ULPI data bus is redefined as a 2-pin UART interface, which exchanges data through a
direct access to the FS/LS analog transmitter and receiver.
Table 5-11. USB UART Interface Timing Parameters
PARAMETER
MIN
MAX
UNIT
tPH_DP_CON
Phone D+ connect time
100
ms
tPH_DISC_DET
Phone D+ disconnect time
150
ms
fUART_DFLT
Default UART signaling rate (typical rate)
9600
bps
Figure 5-1. USB UART Data Flow
Table 5-12. CEA-2011/UART Transceiver
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
UART Transmitter CEA-2011
tPH_UART_EDGE
Phone UART edge rates
DP_PULLDOWN asserted
1
Μs
VOH_SER
Serial interface output high
ISOURCE = 4 mA
2.4
3.3
3.6
V
VOL_SER
Serial interface output low
ISINK = –4 mA
0
0.1
0.4
V
UART Receiver CEA-2011
VIH_SER
Serial interface input high
DP_PULLDOWN asserted
2
V
VIL_SER
Serial interface input low
DP_PULLDOWN asserted
0.8
V
VTH
Switching threshold
0.8
2
V
Copyright © 2009–2015, Texas Instruments Incorporated
Detailed Description
21
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com