Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 35Page - Texas Instruments TUSB1210 Datasheet HTML 36Page - Texas Instruments TUSB1210 Datasheet HTML 37Page - Texas Instruments TUSB1210 Datasheet HTML 38Page - Texas Instruments TUSB1210 Datasheet HTML 39Page - Texas Instruments TUSB1210 Datasheet HTML 40Page - Texas Instruments TUSB1210 Datasheet HTML 41Page - Texas Instruments TUSB1210 Datasheet HTML 42Page - Texas Instruments TUSB1210 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
DESCRIPTION
Empty register byte for testing purposes. Software can read, write, set, and clear this register and the
PHY functionality will not be affected.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
SCRATCH
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7:00
SCRATCH
Scratch data.
RW
0x00
5.4.1.1.24 SCRATCH_REG_SET
ADDRESS OFFSET
0x17
PHYSICAL ADDRESS
0x17
INSTANCE
USB_SCUSB
DESCRIPTION
This register doesn't physically exist.
It is the same as the scratch_reg register with read/set-only property (write '1' to set a particular bit, a
write '0' has no-action).
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
SCRATCH
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7:00
SCRATCH
RW
0x00
5.4.1.1.25 SCRATCH_REG_CLR
ADDRESS OFFSET
0x18
PHYSICAL ADDRESS
0x18
INSTANCE
USB_SCUSB
DESCRIPTION
This register doesn't physically exist.
It is the same as the scratch_reg with read/clear-only property (write '1' to clear a particular bit, a write
'0' has no-action).
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
SCRATCH
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7:00
SCRATCH
RW
0x00
Copyright © 2009–2015, Texas Instruments Incorporated
Detailed Description
39
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com