Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments TUSB1210 Datasheet HTML 16Page - Texas Instruments TUSB1210 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
TUSB1210
www.ti.com
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
4.8.2.2
Timers and Debounce
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
TDEL_CS_SUPPLYOK
Chip-select-to-supplies OK delay
2.84
4.10
ms
TDEL_RST_DIR
RESETB to PHY PLL locked and DIR
0.54
0.647
ms
falling-edge delay
TVBBDET
VBAT detection delay
10
us
TBGAP
Bandgap power-on delay
2
ms
TPWONVDD15
VDD15 power-on delay
100
us
TPWONCK32K
32-KHz RC-OSC power-on delay
125
us
TDELRSTPWR
Power control reset delay
61
us
TDELMNTRVIOEN
Monitor enable delay
91.5
us
TMNTR
Supply monitoring debounce
183.1
us
TDELVDD33EN
VDD33 LDO enable delay
93.75
us
TDELRESETB
RESETB internal delay
244.1
us
TPLL
PLL lock time
300
us
4.9
Timing Parameter Definitions
The timing parameter symbols used in the timing requirement and switching characteristic tables are created in
accordance with JEDEC Standard 100. To shorten the symbols, some pin names and other related terminologies
have been abbreviated as shown in Table 4-8.
Table 4-8. Timing Parameter Definitions
LOWERCASE SUBSCRIPTS
SYMBOL
PARAMETER
C
Cycle time (period)
D
Delay time
Dis
Disable time
En
Enable time
H
Hold time
Su
Setup time
START
Start bit
T
Transition time
V
Valid time
W
Pulse duration (width)
X
Unknown, changing, or don't care level
H
High
L
Low
V
Valid
IV
Invalid
AE
Active edge
FE
First edge
LE
Last edge
Z
High impedance
Copyright © 2009–2015, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com