Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-89 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SC-89
Description  P-Channel 1.8-V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SC-89 Datasheet(HTML) 1 Page - Vishay Siliconix

  SC-89 Datasheet HTML 1Page - Vishay Siliconix SC-89 Datasheet HTML 2Page - Vishay Siliconix SC-89 Datasheet HTML 3Page - Vishay Siliconix SC-89 Datasheet HTML 4Page - Vishay Siliconix SC-89 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si1013R/X
Vishay Siliconix
New Product
Document Number: 71167
S-02464—Rev. A, 25-Oct-00
www.vishay.com
1
P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (mA)
1.2 @ VGS = –4.5 V
–350
–20
1.6 @ VGS = –2.5 V
–300
2.7 @ VGS = –1.8 V
–150
FEATURES
BENEFITS
APPLICATIONS
D High-Side Switching
D Low On-Resistance: 1.2 W
D Low Threshold: 0.8 V (typ)
D Fast Swtiching Speed: 14 ns
D 1.8-V Operation
D Gate-Source ESD Protection
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Battery Voltage Operation
D Drivers: Relays, Solenoids, Lamps,
Hammers, Displays, Memories
D Battery Operated Systems
D Power Supply Converter Circuits
D Load/Power Switching Cell Phones, Pagers
SC-75A or SC-89
Top View
2
1
S
D
G
3
Ordering Information:
SC-75A (SOT– 416):
Si1013R–Marking Code : D
SC-89 (SOT– 490):
Si1013X–Marking Code: B
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
–20
Gate-Source Voltage
VGS
"6
V
_
TA = 25_C
–400
–350
Continuous Drain Current (TJ = 150_C)b
TA = 85_C
ID
–300
–275
Pulsed Drain Currenta
IDM
–1000
mA
Continuous Source Current (diode conduction)b
IS
–275
–250
TA = 25_C
175
150
Maximum Power Dissipationb for SC-75
TA = 85_C
90
80
TA = 25_C
PD
275
250
mW
Maximum Power Dissipationb for SC-89
TA = 85_C
160
140
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
Notes
a.
Pulse width limited by maximum junction temperature.
b.
Surface Mounted on FR4 Board.


Similar Part No. - SC-89

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SC-8 COOPER-SC-8 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-8 EATON-SC-8 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
ELM Technology Corporat...
SC-82AB ELM-TECH-SC-82AB Datasheet
577Kb / 1P
Package, Reel, Taping
logo
ON Semiconductor
SC-88A ONSEMI-SC-88A Datasheet
67Kb / 2P
CONTROLLING DIMENSION INCH.
July, 2010 ??Rev. 02K
logo
Tiger Electronic Co.,Lt...
SC-88A TGS-SC-88A Datasheet
106Kb / 3P
Power management
More results

Similar Description - SC-89

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
07-Apr-03
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
13-Jun-05
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
P-Channel 1.8-V (G-S) MOSFET
12-Dec-05
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
P-Channel 1.8-V (G-S) MOSFET
24-Mar-08
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
P-Channel 1.8-V (G-S) MOSFET
31-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
P-Channel 1.8-V (G-S) MOSFET
12-Jun-06
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com