Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-89 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SC-89
Description  P-Channel 1.8-V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SC-89 Datasheet(HTML) 4 Page - Vishay Siliconix

  SC-89 Datasheet HTML 1Page - Vishay Siliconix SC-89 Datasheet HTML 2Page - Vishay Siliconix SC-89 Datasheet HTML 3Page - Vishay Siliconix SC-89 Datasheet HTML 4Page - Vishay Siliconix SC-89 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si1013R/X
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71167
S-02464—Rev. A, 25-Oct-00
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
–50
–25
0
25
50
75
100
125
ID = 0.25 mA
Threshold Voltage Variance vs. Temperature
TJ – Temperature (_C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
–50
–25
0
25
50
75
100
125
IGSS vs. Temperature
TJ – Temperature (_C)
0
1
2
3
4
5
6
7
–50
–25
0
25
50
75
100
125
BVGSS vs. Temperature
TJ – Temperature (_C)
VGS = 4.5 V
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient (SC-75A)
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA =833_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com