Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-89 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SC-89
Description  P-Channel 1.8-V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SC-89 Datasheet(HTML) 3 Page - Vishay Siliconix

  SC-89 Datasheet HTML 1Page - Vishay Siliconix SC-89 Datasheet HTML 2Page - Vishay Siliconix SC-89 Datasheet HTML 3Page - Vishay Siliconix SC-89 Datasheet HTML 4Page - Vishay Siliconix SC-89 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si1013R/X
Vishay Siliconix
New Product
Document Number: 71167
S-02464—Rev. A, 25-Oct-00
www.vishay.com
3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
120
0
4
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.8
1.6
2.4
3.2
4.0
0
200
400
600
800
1000
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 250 mA
ID – Drain Current (mA)
VGS = 4.5 V
ID = 350 mA
VGS = 1.8 V
Gate Charge
On-Resistance vs. Drain Current
Qg – Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
0
1
2
3
4
5
0123456
ID = 350 mA
1000
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
VGS = 4.5 V
ID = 200 mA
VGS = 2.5 V
VGS = 1.8 V
ID = 150 mA
TJ = 125_C
TJ = 25_C
TJ = –55_C
10
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com