Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E98103A38B Datasheet(PDF) 13 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 13 Page - ELMOS Semiconductor AG

Back Button E98103A38B Datasheet HTML 9Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 10Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 11Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 12Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 13Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 14Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 15Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 16Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 17Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
13/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
4.3 Full Normal Mode Application
Figure 3. Schematic Example (full application)
DC/DC converter active (3.3 V/5 V): I
max = 50/ 30 mA
SETVCC = GND:
VCC = 3 V
SETVCC = VIO:
VCC = 5 V
BS1 = BS0 = GND:
UART 19.2 k baud
V20 used:
additional C
V20,
I
max = 20 mA
UART optional with optical coupler
SPI optional with optical coupler
In Normal Mode alarm functionality is usable. Alarm is detected in case of an open SETVCC pin.
For other schematics read application notes.
OTEMP used
optional with optocoupler
WK used
optional with optocoupler
SAVE used
optional with optocoupler
RESET used
optional with optocoupler
AOUT used
optional with insulation
amplifier for analog Signal
RTX
RTXL
Typical Application Circuit **1
D1 BUSP
CREC
RTX
CREC
RTXH
RTXL
BUSN
EXTAL
XTAL
GND
RXD
TXD
VIO
SET_VCC
E981.03
BUS
Coupling
Module
VCC
RSET
TP1-256
+ -
U1
C33I
CST
CVCC
CCVCC
DSPS
LSPS
V33I
VST
SW
VCC
CCST
C20
V20
20V
CVIO
Q
Functional Diagram **2
(5) SETVCC
E981.03
(2) RESET
(1) OTEMP
clock
system
KNX / EIB
Interface
UART host
interface
(12) BUSP
(8) CREC
(11) RTXH
(10) RTXL
(9) BUSN
(23) EXTAL
(24) XTAL
(27) GND
(26) RXD
(25) TXD
(19) VIO
(31) MISO / GPIO
(30) MOSI / GPIO
(29) SCK / GPI
(28) SCS / GPI
SPI host
interface
CV20
(3) i.c.
(13) i.c.
IC supply
IC start-up
20V
Supply
Current
Limiter
ADC/DAC
Internal
Logic
(21) BS1
(20) BS0
(32) SAVE
(4) AOUT
Monitoring
Unit
(22) INT
Mode
Control
(7) WK / GPI
Switched
Power supply
C33I
CST
CVCC
CCVCC
DSPS
LSPS
(6)
V33I
(15)
VST
(17)
SW
VCC
CCST
(14)
V20
(16) i.c.
RVCC
(18)
VCC
V20
D1
CREC
RTX
+ -
U1
Q
TP1-256
+ -
Minimal Function of E981.03 **3
BUS
Coupling
Module
Application
Module
Q
U1
CCST CST
RTX
CREC
C33I
CVCC CCVCC
DSPS
LSPS
RVCC
CVIO
D1
DVIO
RSET
VVIO = VVCC
(50mA)
SETVCC=VIO
Q
VVIO
VVIO
GND
SCS
SCK
MISO
MOSI
TXD
RXD
33
V20
VST
i.c.
BUSN
RTXL
RTXH
BUSP
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
GND
MOSI
TXD
33
i.c.
E981.03
RTXL
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
SAVE
IC1
RTXL
Full Normal Mode Application **4
BUS
Coupling
Module
V
VIO
GPIO
Analog IN
GPIO / ResetN
GPIO
GPIO
VCC= 3.3V
VCC= 5V
OPEN= Alarm
VV20=20V / 20mA
VVCC
VVIO
GPIO
U1
CCST CST
CREC
C33I
CVCC CCVCC
DSPS
LSPS
RVCC
CVIO
D1
DVIO
RSET
Q
VVCC= 3.3V (50mA)
SETVCC=GND
VVCC= 5V (30mA)
SETVCC=VVIO
GND
SCS
SCK
MISO
MOSI
TXD
RXD
33
V20
VST
i.c.
BUSN
RTXL
RTXH
BUSP
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
GND
MOSI
TXD
33
i.c.
E981.03
RTXL
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
SAVE
IC1
C20
RTXL
RTXL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com