Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E98103A38B Datasheet(PDF) 2 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 2 Page - ELMOS Semiconductor AG

  E98103A38B Datasheet HTML 1Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 2Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 3Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 4Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 5Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 6Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 7Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 8Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
Pin Configuration
Top View
Note: Not to scale, EP Exposed die pad
Functional Diagram
TXD
RXD
GND
SCS
SCK
MISO
MOSI
SAVE
Pin 1
i.c.
Bottom Side
VST
V20
i.c.
BUSP
RTXH
RTXL
BUSN
1
EP
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
24 23 22 21 20 19 18 17
E981.03
RTX
RTXL
Typical Application Circuit **1
D1 BUSP
CREC
RTX
CREC
RTXH
RTXL
BUSN
EXTAL
XTAL
GND
RXD
TXD
VIO
SET_VCC
E981.03
BUS
Coupling
Module
VCC
RSET
TP1-256
+ -
U1
C33I
CST
CVCC
CCVCC
DSPS
LSPS
V33I
VST
SW
VCC
CCST
C20
V20
20V
CVIO
Q
Functional Diagram **2
(5) SETVCC
E981.03
(2) RESET
(1) OTEMP
clock
system
KNX / EIB
Interface
UART host
interface
(12) BUSP
(8) CREC
(11) RTXH
(10) RTXL
(9) BUSN
(23) EXTAL
(24) XTAL
(27) GND
(26) RXD
(25) TXD
(19) VIO
(31) MISO / GPIO
(30) MOSI / GPIO
(29) SCK / GPI
(28) SCS / GPI
SPI host
interface
CV20
(3) i.c.
(13) i.c.
IC supply
IC start-up
20V
Supply
Current
Limiter
ADC/DAC
Internal
Logic
(21) BS1
(20) BS0
(32) SAVE
(4) AOUT
Monitoring
Unit
(22) INT
Mode
Control
(7) WK / GPI
Switched
Power supply
C33I
CST
CVCC
CCVCC
DSPS
LSPS
(6)
V33I
(15)
VST
(17)
SW
VCC
CCST
(14)
V20
(16) i.c.
RVCC
(18)
VCC
V20
D1
CREC
RTX
+ -
U1
Q
TP1-256
+ -
Minimal Function of E981.03 **3
BUS
Coupling
Module
Application
Module
Q
U1
CCST CST
RTX
CREC
C33I
CVCC CCVCC
DSPS
LSPS
RVCC
CVIO
D1
DVIO
RSET
VVIO = VVCC
(50mA)
SETVCC=VIO
Q
VVIO
VVIO
GND
SCS
SCK
MISO
MOSI
TXD
RXD
33
V20
VST
i.c.
BUSN
RTXL
RTXH
BUSP
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
GND
MOSI
TXD
33
i.c.
E981.03
RTXL
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
SAVE
IC1
RTXL
Full Normal Mode Application **4
BUS
Coupling
Module
V
VIO
GPIO
Analog IN
GPIO / ResetN
GPIO
GPIO
VCC= 3.3V
VCC= 5V
OPEN= Alarm
VV20=20V / 20mA
VVCC
VVIO
GPIO
U1
CCST CST
CREC
C33I
CVCC CCVCC
DSPS
LSPS
RVCC
CVIO
D1
DVIO
RSET
Q
VVCC= 3.3V (50mA)
SETVCC=GND
VVCC= 5V (30mA)
SETVCC=VVIO
GND
SCS
SCK
MISO
MOSI
TXD
RXD
33
V20
VST
i.c.
BUSN
RTXL
RTXH
BUSP
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
GND
MOSI
TXD
33
i.c.
E981.03
RTXL
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
SAVE
IC1
C20
RTXL
RTXL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com