Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E98103A38B Datasheet(PDF) 37 Page - ELMOS Semiconductor AG

Part # E98103A38B
Description  Autonomous MAC and individual physical address
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E98103A38B Datasheet(HTML) 37 Page - ELMOS Semiconductor AG

Back Button E98103A38B Datasheet HTML 33Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 34Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 35Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 36Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 37Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 38Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 39Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 40Page - ELMOS Semiconductor AG E98103A38B Datasheet HTML 41Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
37/51
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0046E.03
PRODUCTION DATA - JAN 15, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
KNX/ EIB TRANSCEIVER
E981.03
1) Access via UART service and SPI possible. For write access read the remarks of every bit carefully. In case of hard reset the
register is reset to the hard reset value.
PS_CTRL
MSB
LSB
content
VIO_SW
-
VCC_ON1 1) VCC_ON0 1) -
-
V20_ON1 1) V20_ON0 1)
hard reset value
0
0
1
1
0
0
1
1
soft reset value
0
-
1
1
-
-
1
1
external access
R/W 2)
R
R/W 2)
R/W 2)
R
R
R/W 2)
R/W 2)
bit description
VCC_ON :
“00”: VCC is to switch off 1)
“01”,”10”,”11”: V
CC is to switch on
The bits do not reflect the state of the V
CC supply.
The actual state is reflected by PS_STAT register.
V20_ON :
"00": V
20 is to switch off
1)
“01”,”10”,”11”: V
20 is to switch on
The bits do not reflect the state of the V
20 supply.
The actual state is reflected by PS_STAT register.
VIO_SW:
When VCC = 5 V and VIO = 3.3 V: write “1” to VIO_SW bit to reduce power consumption of
E981.03. In all other cases this bit has no effect.
back to Table 8 Register Table
Table 26. Power supply control register
1) The bits VCC_ON and V20_ON are doubled for safety reasons. VCC and V20 supplies are switched off only if both ON bits have
value "0". Otherwise the supply is switched on and the ON bits are set to value "1" by the E981.03 itself.
2) Access via UART service and SPI possible. In case of hard or soft reset the register is reset to the hard reset value or soft reset
value respectively.
Register Name
Address
Description
PS_CTRL
0x20E
power supply control register
PS_STAT
0x3BF
power supply status register
Table 25. Power supply registers
ALARM_STAT
MSB
LSB
soft reset value
-
-
-
-
-
-
-
-
external access
R 1)
R 1)
R 1)
R 1)
R 1)
R/(W) 1)
R/W 1)
R/W 1)
bit description
PEND :
"1": an alarm transmission is either pending, under transmission or sent
(e.g. in case of alarm pin activation during transmission of a "normal" telegram)
"0": no alarm is pending or sent
Writing to the register using UART U_WriteReg service clears the PEND bit independent of
the value that is written to that bit.
Writing using SPI shall not change the value of the PEND bit which is not controlled by the
E981.03 but is in the responsibility of the host controller.
BUF :
"1": the alarm buffer was written completely
"0": the alarm buffer was not written completely yet
The bit is set by the E981.03 after successful upload using host UART interface services.
It may be written by the host directly to activate alarm functionality without using upload
procedure via host UART interface or after uploading a alarm telegramm by SPI. The alarm
telegram buffer is not checked for correctness in this case.
SENT :
"1": an alarm telegram was sent
"0": no alarm telegram was sent
The bit is set after sending of an alarm telegram.
It can be reset by the host processor by writing a "0". The host should never write an “1” to
the SENT bit. If the bit SENT is set no alarm telegram is transmitted regardless of the alarm
condition. An ongoing alarm telegram transmission on EIB bus (states AlarmTelegramWait
and AlarmTelegramTransmit) is not interrupted by writing a “0” to the SENT bit.
A reading by UART Interface delete this bit. A SPI read do not delete this and the User have
to do this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com