Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12CL Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12CL
Description  80W Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12CL Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM12CL Datasheet HTML 3Page - National Semiconductor (TI) LM12CL Datasheet HTML 4Page - National Semiconductor (TI) LM12CL Datasheet HTML 5Page - National Semiconductor (TI) LM12CL Datasheet HTML 6Page - National Semiconductor (TI) LM12CL Datasheet HTML 7Page - National Semiconductor (TI) LM12CL Datasheet HTML 8Page - National Semiconductor (TI) LM12CL Datasheet HTML 9Page - National Semiconductor (TI) LM12CL Datasheet HTML 10Page - National Semiconductor (TI) LM12CL Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application Information (Continued)
PARALLEL OPERATION
Output drive beyond the capability of one power amplifier
can be provided as shown here. The power op amps are
wired as followers and connected in parallel with the outputs
coupled
through
equalization
resistors.
A
standard,
high-voltage op amp is used to provide voltage gain. Overall
feedback compensates for the voltage dropped across the
equalization resistors.
With parallel operation, there may be an increase in un-
loaded supply current related to the offset voltage across the
equalization resistors. More output buffers, with individual
equalization resistors, may be added to meet even higher
drive requirements.
This connection allows increased output capability without
requiring a separate control amplifier. The output buffer, A
2,
provides load current through R
5 equal to that supplied by
the main amplifier, A
1, through R4. Again, more output buff-
ers can be added.
Current sharing among paralleled amplifiers can be affected
by gain error as the power-bandwidth limit is approached. In
the first circuit, the operating current increase will depend
upon the matching of high-frequency characteristics. In the
second circuit, however, the entire input error of A
2 appears
across R
4 and R5. The supply current increase can cause
power limiting to be activated as the slew limit is ap-
proached. This will not damage the LM12. It can be avoided
in both cases by connecting A
1 as an inverting amplifier and
restricting bandwidth with C
1.
SINGLE-SUPPLY OPERATION
Although op amps are usually operated from dual supplies,
single-supply operation is practical. This bridge amplifier
supplies bi-directional current drive to a servo motor while
operating from a single positive supply. The output is easily
converted to voltage drive by shorting R
6 and connecting R7
to the output of A
2, rather than A1.
Either input may be grounded, with bi-directional drive pro-
vided to the other. It is also possible to connect one input to
a positive reference, with the input signal varying about this
voltage. If the reference voltage is above 5V, R
2 and R3 are
not required.
HIGH VOLTAGE AMPLIFIERS
The voltage swing delivered to the load can be doubled by
using the bridge connection shown here. Output clamping to
the supplies can be provided by using a bridge-rectifier as-
sembly.
DS008704-12
DS008704-13
DS008704-14
DS008704-15
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com