Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12CL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12CL
Description  80W Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12CL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM12CL Datasheet HTML 1Page - National Semiconductor (TI) LM12CL Datasheet HTML 2Page - National Semiconductor (TI) LM12CL Datasheet HTML 3Page - National Semiconductor (TI) LM12CL Datasheet HTML 4Page - National Semiconductor (TI) LM12CL Datasheet HTML 5Page - National Semiconductor (TI) LM12CL Datasheet HTML 6Page - National Semiconductor (TI) LM12CL Datasheet HTML 7Page - National Semiconductor (TI) LM12CL Datasheet HTML 8Page - National Semiconductor (TI) LM12CL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM12CL
80W Operational Amplifier
General Description
The LM12 is a power op amp capable of driving ±25V at
±10A while operating from ±30V supplies. The monolithic IC
can deliver 80W of sine wave power into a 4
Ω load with
0.01% distortion. Power bandwidth is 60 kHz. Further, a
peak dissipation capability of 800W allows it to handle reac-
tive loads such as transducers, actuators or small motors
without derating. Important features include:
•
input protection
•
controlled turn on
•
thermal limiting
•
overvoltage shutdown
•
output-current limiting
•
dynamic safe-area protection
The IC delivers ±10A output current at any output voltage
yet is completely protected against overloads, including
shorts to the supplies. The dynamic safe-area protection is
provided by instantaneous peak-temperature limiting within
the power transistor array.
The turn-on characteristics are controlled by keeping the
output open-circuited until the total supply voltage reaches
14V. The output is also opened as the case temperature ex-
ceeds 150˚C or as the supply voltage approaches the
BV
CEO of the output transistors. The IC withstands overvolt-
ages to 80V.
This monolithic op amp is compensated for unity-gain feed-
back, with a small-signal bandwidth of 700 kHz. Slew rate is
9V/µs, even as a follower. Distortion and capacitive-load sta-
bility rival that of the best designs using complementary out-
put transistors. Further, the IC withstands large differential
input
voltages
and
is
well
behaved
should
the
common-mode range be exceeded.
The LM12 establishes that monolithic ICs can deliver consid-
erable output power without resorting to complex switching
schemes. Devices can be paralleled or bridged for even
greater output capability. Applications include operational
power supplies, high-voltage regulators, high-quality audio
amplifiers, tape-head positioners, x-y plotters or other
servo-control systems.
The LM12 is supplied in a four-lead, TO-3 package with V−
on the case. A gold-eutectic die-attach to a molybdenum in-
terface is used to avoid thermal fatigue problems. The LM12
is specified for either military or commercial temperature
range.
Connection Diagram
Typical Application*
DS008704-1
4-pin glass epoxy TO-3
socket is available from
AUGAT INC.
Part number 8112-AG7
Bottom View
Order Number LM12CLK
See NS Package Number K04A
DS008704-2
*Low distortion (0.01%) audio amplifier
May 1999
© 1999 National Semiconductor Corporation
DS008704
www.national.com


Similar Part No. - LM12CL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM12 TI1-LM12 Datasheet
425Kb / 18P
LM12CL 80W Operational Amplifier
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
Series 3-Terminal Negative Regulators
logo
Seme LAB
LM120 SEME-LAB-LM120 Datasheet
41Kb / 5P
1.5 AMP NEGATIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM120 SEMTECH_ELEC-LM120 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Texas Instruments
LM120 TI-LM120 Datasheet
1Mb / 22P
LM120/LM320-N Series 3-Terminal Negative Regulators
More results

Similar Description - LM12CL

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1298V NEC-UPC1298V Datasheet
300Kb / 9P
50 TO 80W POWER AMPLIFIER DRIVER
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Sanyo Semicon Device
STK405-120 SANYO-STK405-120 Datasheet
151Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
STK4221II SANYO-STK4221II Datasheet
146Kb / 5P
AF Power Amplifier (Split Power Supply) (80W 80W min, THD = 0.4%)
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
Texas Instruments
LM12 TI1-LM12 Datasheet
425Kb / 18P
LM12CL 80W Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
logo
Qorvo, Inc
QPM2239 QORVO-QPM2239 Datasheet
847Kb / 18P
13 ??15.5GHz 80W GaN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com