Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12CL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12CL
Description  80W Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12CL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM12CL Datasheet HTML 1Page - National Semiconductor (TI) LM12CL Datasheet HTML 2Page - National Semiconductor (TI) LM12CL Datasheet HTML 3Page - National Semiconductor (TI) LM12CL Datasheet HTML 4Page - National Semiconductor (TI) LM12CL Datasheet HTML 5Page - National Semiconductor (TI) LM12CL Datasheet HTML 6Page - National Semiconductor (TI) LM12CL Datasheet HTML 7Page - National Semiconductor (TI) LM12CL Datasheet HTML 8Page - National Semiconductor (TI) LM12CL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage (Note 1)
80V
Input Voltage
(Note 2)
Output Current
Internally Limited
Junction Temperature
(Note 3)
Storage Temperature Range
−65˚C to 150˚C
Lead Temperature
(Soldering, 10 seconds)
300˚C
Operating Ratings
Total Supply Voltage
15V to 60V
Case Temperature (Note 4)
0˚C to 70˚C
Electrical Characteristics (Note 4)
Parameter
Conditions
Typ
25˚C
LM12CL
Units
Limits
Input Offset Voltage
±10V
≤ V
S ≤ ±0.5 VMAX,VCM = 0
2
15/20
mV (max)
Input Bias Current
V− + 4V
≤ V
CM ≤ V+ −2V
0.15
0.7/1.0
µA (max)
Input Offset Current
V− +4V
≤ V
CM ≤ V+ −2V
0.03
0.2/0.3
µA (max)
Common Mode
V− +4V
≤ V
CM ≤ V+ −2V
86
70/65
dB (min)
Rejection
Power Supply
V+ = 0.5 V
MAX,
90
70/65
dB (min)
Rejection
−6V
≥ V− ≥ −0.5 V
MAX
V− = −0.5 V
MAX,
110
75/70
dB (min)
6V
≤ V+ ≤ 0.5 V
MAX
Output Saturation
t
ON = 1 ms,
Threshold
∆V
IN = 5(10 ) mV,
I
OUT = 1A
1.8
2.2/2.5
V (max)
8A
4
5/7
V (max)
10A
5
V (max)
Large Signal Voltage
t
ON = 2 ms,
Gain
V
SAT = 2V, IOUT = 0
100
30/20
V/mV (min)
V
SAT = 8V, RL = 4Ω
50
15/10
V/mV (min)
Thermal Gradient
P
DISS = 50W, tON = 65 ms
30
100
µV/W (max)
Feedback
Output-Current Limit
t
ON = 10 ms, VDISS = 10V
13
16
A (max)
t
ON = 100 ms, VDISS = 58V
1.5
0.9/0.6
A (min)
1.5
1.7
A (max)
Power Dissipation
t
ON = 100 ms, VDISS = 20V
100
80/55
W (min)
Rating
V
DISS = 58V
80
52/35
W (min)
DC Thermal Resistance
(Note 5) V
DISS = 20V
2.3
2.9
˚C/W (max)
V
DISS = 58V
2.7
4.5
˚C/W (max)
AC Thermal Resistance
(Note 5)
1.6
2.1
˚C/W (max)
Supply Current
V
OUT = 0, IOUT = 0
60
120/140
mA (max)
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. The maximum voltage for which the LM12 is guaranteed to operate
is given in the operating ratings and in Note 4. With inductive loads or output shorts, other restrictions described in applications section apply.
Note 2: Neither input should exceed the supply voltage by more than 50 volts nor should the voltage between one input and any other terminal exceed 60 volts.
Note 3: Operating junction temperature is internally limited near 225˚C within the power transistor and 160˚C for the control circuitry.
Note 4: The supply voltage is ±30V (VMAX = 60V), unless otherwise specified. The voltage across the conducting output transistor (supply to output) is VDISS and
internal power dissipation is PDISS. Temperature range is 0˚C ≤ TC ≤ 70˚C where TC is the case temperature. Standard typeface indicates limits at 25˚C while bold-
face type refers to limits or special conditions over full temperature range. With no heat sink, the package will heat at a rate of 35˚C/sec per 100W of internal
dissipation.
Note 5: This thermal resistance is based upon a peak temperature of 200˚C in the center of the power transistor and a case temperature of 25˚C measured at the
center of the package bottom. The maximum junction temperature of the control circuitry can be estimated based upon a dc thermal resistance of 0.9˚C/W or an ac
thermal resistance of 0.6˚C/W for any operating voltage.
Although the output and supply leads are resistant to electrostatic discharges from handling, the input leads are not.
The part should be treated accordingly.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com