Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 2Page - Texas Instruments SN65MLVD080 Datasheet HTML 3Page - Texas Instruments SN65MLVD080 Datasheet HTML 4Page - Texas Instruments SN65MLVD080 Datasheet HTML 5Page - Texas Instruments SN65MLVD080 Datasheet HTML 6Page - Texas Instruments SN65MLVD080 Datasheet HTML 7Page - Texas Instruments SN65MLVD080 Datasheet HTML 8Page - Texas Instruments SN65MLVD080 Datasheet HTML 9Page - Texas Instruments SN65MLVD080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN65MLVD080
SN65MLVD082
SLLS581A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
www.ti.com
6
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
2
4
6
ns
tpHL
Propagation delay time, high-to-low-level output
2
4
6
ns
tr
Output signal rise time
1
2.3
ns
tf
Output signal fall time
CL = 15 pF, See Figure 10
1
2.3
ns
tsk(o)
Output skew
CL = 15 pF, See Figure 10
350
ps
tsk(p)
Pulse skew (|tpHL − tpLH|)
50
350
ps
tsk(pp)
Part-to-part skew(2)
1
ns
tjit(per)
Period jitter, rms (1 standard deviation) (3)
100 MHz clock input(4)
7
ps
tjit(c−c)
Cycle-to-cycle jitter, rms
100 MHz clock input(4)
110
ps
tjit(det)
Deterministic jitter
Type 1
550
ps
tjit(det)
Deterministic jitter
Type 2
200 Mbps 215−1 PRBS input(5)
480
ps
tjit(pp)
Peak-to-peak jitter(3)(6)
Type 1
200 Mbps 215−1 PRBS input(5)
720
ps
tjit(pp)
Peak-to-peak jitter(3)(6)
Type 2
660
ps
tpZH
Enable time, high-impedance-to-high-level output
30
ns
tpZL
Enable time, high-impedance-to-low-level output
CL = 15 pF, See Figure 11
30
ns
tpHZ
Disable time, high-level-to-high-impedance output
CL = 15 pF, See Figure 11
18
ns
tpLZ
Disable time, low-level-to-high-impedance output
28
ns
(1) All typical values are at 25°C and with a 3.3-V supply voltage.
(2) HP4194A impedance analyzer (or equivalent)
(3) Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4) VID = 200 mVpp (’080), VID = 400 mVpp (’082), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples.
(5) VID = 200 mVpp (’080), VID = 400 mVpp (’082), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples.
(6) Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com