Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 6Page - Texas Instruments SN65MLVD080 Datasheet HTML 7Page - Texas Instruments SN65MLVD080 Datasheet HTML 8Page - Texas Instruments SN65MLVD080 Datasheet HTML 9Page - Texas Instruments SN65MLVD080 Datasheet HTML 10Page - Texas Instruments SN65MLVD080 Datasheet HTML 11Page - Texas Instruments SN65MLVD080 Datasheet HTML 12Page - Texas Instruments SN65MLVD080 Datasheet HTML 13Page - Texas Instruments SN65MLVD080 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN65MLVD080
SN65MLVD082
SLLS581A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
www.ti.com
10
Table 1. Type-1 Receiver Input Threshold Test Voltages
APPLIED VOLTAGES
RESULTING DIFFERENTIAL
INPUT VOLTAGE
RESULTING COMMON−
MODE INPUT VOLTAGE
RECEIVER
OUTPUT
VIA
VIB
VID
VIC
OUTPUT
2.400
0.000
2.400
1.200
H
0.000
2.400
−2.400
1.200
L
3.400
3.350
0.050
3.375
H
3.350
3.400
−0.050
3.375
L
−1.350
−1.400
0.050
−1.375
H
−1.400
−1.350
−0.050
−1.375
L
NOTE: H= high level, L = low level, output state assumes receiver is enabled (RE = L)
Table 2. Type-2 Receiver Input Threshold Test Voltages
APPLIED VOLTAGES
RESULTING DIFFERENTIAL
INPUT VOLTAGE
RESULTING COMMON−
MODE INPUT VOLTAGE
RECEIVER
OUTPUT
VIA
VIB
VID
VIC
OUTPUT
2.400
0.000
2.400
1.200
H
0.000
2.400
−2.400
1.200
L
3.400
3.250
0.150
3.325
H
3.400
3.350
0.050
3.375
L
−1.250
−1.400
0.150
−1.325
H
−1.350
−1.400
0.050
−1.375
L
NOTE: H= high level, L = low level, output state assumes receiver is enabled (RE = L)
1.2 V
1.0 V
tpLH
0.2 V
−0.2 V
VA
VB
VID
90%
VOH
VOL
tpHL
10%
tf
tr
VO
VCC/2
VO
VID
VB
VA
CL
0 V
15 pF
NOTES:A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, frequency = 1 MHz, duty cycle = 50 ± 5%.
CL is a combination of a 20%-tolerance, low-loss ceramic, surface-mount capacitor and fixture capacitance within 2 cm of the D.U.T.
B. The measurement is made on test equipment with a −3 dB bandwidth of at least 1 GHz.
Figure 10. Receiver Timing Test Circuit and Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com