Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD080 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD080
Description  8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65MLVD080 Datasheet HTML 3Page - Texas Instruments SN65MLVD080 Datasheet HTML 4Page - Texas Instruments SN65MLVD080 Datasheet HTML 5Page - Texas Instruments SN65MLVD080 Datasheet HTML 6Page - Texas Instruments SN65MLVD080 Datasheet HTML 7Page - Texas Instruments SN65MLVD080 Datasheet HTML 8Page - Texas Instruments SN65MLVD080 Datasheet HTML 9Page - Texas Instruments SN65MLVD080 Datasheet HTML 10Page - Texas Instruments SN65MLVD080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN65MLVD080
SN65MLVD082
SLLS581A − SEPTEMBER 2003 − REVISED SEPTEMBER 2003
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
VAB
A
B
IA
VB
VA
VOS
VA + VB
2
VI
D
VCC
IB
II
Figure 1. Driver Voltage and Current Definitions
VAB
49.9
3.32 k
3.32 k
_
+
−1 V
≤ Vtest ≤ 3.4 V
A
B
D
NOTE: All resistors are 1% tolerance.
Figure 2. Differential Output Voltage Test Circuit
VOS
R1
24.9
A
C3
2.5 pF
VOS(PP)
∆VOS(SS)
VOS(SS)
≈ 1.3 V
B
A
≈ 0.7 V
B
D
R2
24.9
C1
1 pF
C2
1 pF
NOTES:A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse frequency = 1 MHz,
duty cycle = 50
± 5%.
B. C1, C2 and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are
±20%.
C. R1 and R2 are metal film, surface mount,
±1%, and located within 2 cm of the D.U.T.
D. The measurement of VOS(PP) is made on test equipment with a −3 dB bandwidth of at least 1 GHz.
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
VTest
+
A
B
IOS
0 V or VCC
−1 V or 3.4 V
Figure 4. Driver Short-Circuit Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com