Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 131Page - STMicroelectronics ST7MC1 Datasheet HTML 132Page - STMicroelectronics ST7MC1 Datasheet HTML 133Page - STMicroelectronics ST7MC1 Datasheet HTML 134Page - STMicroelectronics ST7MC1 Datasheet HTML 135Page - STMicroelectronics ST7MC1 Datasheet HTML 136Page - STMicroelectronics ST7MC1 Datasheet HTML 137Page - STMicroelectronics ST7MC1 Datasheet HTML 138Page - STMicroelectronics ST7MC1 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 308 page
background image
ST7MC1/ST7MC2
135/308
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (cont’d)
LIN HEADER LENGTH REGISTER (LHLR)
Read Only
Reset Value: 0000 0000 (00h).
Note: In LIN Slave mode when LASE = 1 or LHDM
= 1, the LHLR register is accessible at the address
of the SCIERPR register.
Otherwise this register is always read as 00h.
Bits 7:0 = LHL[7:0] LIN Header Length.
This is a read-only register, which is updated by
hardware if one of the following conditions occurs:
- After each break detection, it is loaded with
“FFh”.
- If a timeout occurs on THEADER, it is loaded with
00h.
- After every successful LIN Header reception (at
the same time than the setting of LHDF bit), it is
loaded with a value (LHL) which gives access to
the number of bit times of the LIN header length
(THEADER). The coding of this value is explained
below:
LHL Coding:
THEADER_MAX = 57
LHL(7:2) represents the mantissa of (57 - THEAD-
ER)
LHL(1:0) represents the fraction (57 - THEADER)
Example of LHL coding:
Example 1: LHL = 33h = 001100 11b
LHL(7:3) = 1100b = 12d
LHL(1:0) = 11b = 3d
This leads to:
Mantissa (57 - THEADER) = 12d
Fraction (57 - THEADER) = 3/4 = 0.75
Therefore:
(57 - THEADER) = 12.75d
and THEADER = 44.25d
Example 2:
57 - THEADER = 36.21d
LHL(1:0) = rounded(4*0.21d) = 1d
LHL(7:2) = Mantissa (36.21d) = 36d = 24h
Therefore LHL(7:0) = 10010001 = 91h
Example 3:
57 - THEADER = 36.90d
LHL(1:0) = rounded(4*0.90d) = 4d
The carry must be propagated to the matissa:
LHL(7:2) = Mantissa (36.90d) + 1 = 37d =
Therefore LHL(7:0) = 10110000 = A0h
70
LHL7
LHL6
LHL5
LHL4
LHL3
LHL2
LHL1
LHL0
LHL[7:2]
Mantissa
(57 -
THEADER)
Mantissa
(
THEADER)
0h
0
57
1h
1
56
...
...
...
39h
56
1
3Ah
57
0
3Bh
58
Never Occurs
...
...
...
3Eh
62
Never Occurs
3Fh
63
Initial value
LHL[1:0]
Fraction (57 -
THEADER)
0h
0
1h
1/4
2h
1/2
3h
3/4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com