Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 132Page - STMicroelectronics ST7MC1 Datasheet HTML 133Page - STMicroelectronics ST7MC1 Datasheet HTML 134Page - STMicroelectronics ST7MC1 Datasheet HTML 135Page - STMicroelectronics ST7MC1 Datasheet HTML 136Page - STMicroelectronics ST7MC1 Datasheet HTML 137Page - STMicroelectronics ST7MC1 Datasheet HTML 138Page - STMicroelectronics ST7MC1 Datasheet HTML 139Page - STMicroelectronics ST7MC1 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 308 page
background image
ST7MC1/ST7MC2
136/308
SERIAL COMMUNICATION INTERFACE (Cont’d)
Table 21. SCI Register Map and Reset Values
Addr.
(Hex.)
Register Name
7654
3
2
1
0
0018h
SCI1SR
Reset Value
TDRE
1
TC
1
RDRF
0
IDLE
0
OR/LHE
0
NF
0
FE
0
PE
0
0019h
SCI1DR
Reset Value
DR7
-
DR6
-
DR5
-
DR4
-
DR3
-
DR2
-
DR1
-
DR0
-
001Ah
SCI1BRR
LPR (LIN Slave Mode)
Reset Value
SCP1
LPR7
0
SCP0
LPR6
0
SCT2
LPR5
0
SCT1
LPR4
0
SCT0
LPR3
0
SCR2
LPR2
0
SCR1
LPR1
0
SCR0
LPR0
0
001Bh
SCI1CR1
Reset Value
R8
x
T8
0
SCID
0
M
0
WAKE
0
PCE
0
PS
0
PIE
0
001Ch
SCI1CR2
Reset Value
TIE
0
TCIE
0
RIE
0
ILIE
0
TE
0
RE
0
RWU
0
SBK
0
001Dh
SCI1CR3
Reset Value
LDUM
0
LINE
0
LSLV
0
LASE
0
LHDM
0
LHIE
0
LHDF
0
LSF
0
001Eh
SCI1ERPR
LHLR (LIN Slave Mode)
Reset Value
ERPR7
LHL7
0
ERPR6
LHL6
0
ERPR5
LHL5
0
ERPR4
LHL4
0
ERPR3
LHL3
0
ERPR2
LHL2
0
ERPR1
LHL1
0
ERPR0
LHL0
0
001Fh
SCI1TPR
LPRF (LIN Slave Mode)
Reset Value
ETPR7
0
0
ETPR6
0
0
ETPR5
0
0
ETPR4
0
0
ETPR3
LPRF3
0
ETPR2
LPRF2
0
ETPR1
LPRF1
0
ETPR0
LPRF0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com