Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 153Page - STMicroelectronics ST7MC1 Datasheet HTML 154Page - STMicroelectronics ST7MC1 Datasheet HTML 155Page - STMicroelectronics ST7MC1 Datasheet HTML 156Page - STMicroelectronics ST7MC1 Datasheet HTML 157Page - STMicroelectronics ST7MC1 Datasheet HTML 158Page - STMicroelectronics ST7MC1 Datasheet HTML 159Page - STMicroelectronics ST7MC1 Datasheet HTML 160Page - STMicroelectronics ST7MC1 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 308 page
background image
ST7MC1/ST7MC2
157/308
MOTOR CONTROLLER (Cont’d)
10.6.6.8 Position Sensor Mode
In position sensor mode (SR=1 in MCRA register),
the rotor position information is given to the periph-
eral by means of logical data on the three inputs
MCIA, MCIB and MCIC (Hall sensors).
For each step one of these three inputs is selected
(IS[1:0] bits in register MPHST) in order to detect
the Z event. Be careful that the phase comparator
is OFF until CKE and /or DAC bits are set in MCRA
register.
In sensor mode, Demagnetization and the related
features (such as the special PWM configuration,
DS or DH management, programmable filter) are
not available (see Table 32)
Table 32. Demagnetisation access
In sensor mode configuration the rotor detection
doesn’t need a particular phase configuration to
perform the measurement and a Z event can be
read from any detection window. The sampling is
done at a selectable frequency (fSCF), see Table
82. This means that Z event position sensoring is
more precise than it is in sensorless mode.
There is no minimum off time required for current
control PWM in sensor mode so the minimum off
time is set automatically to 0µs as soon as the SR
bit is set in the MCRA register and a true 100%
duty cycle can be set in the PWM compare U reg-
ister for the PWM generation in voltage mode.
In Sensor mode, the ZEF[3:0] bits in the MZFR
register are active and can be used to define the
number of consecutive Z samples needed to gen-
erate the active event.
Procedure for reading sensor inputs in Direct
Access mode: In Direct Access mode, the sen-
sors can be read either when the clock are ena-
bled or disabled (depending on CKE it in MCRA
register). To read the sensor data the following
steps have to be performed:
1. Select Direct Access Mode (DAC bit in MCRA
register)
2. Select the appropriate MCIx input pin by means
of the IS[1:0] bits in the MPHST register
3. Read the comparator output (HST bit in the
MREF register)
SR bit
MCRA register
Demagnetisation feature
availabilty
1NO
0YES
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com