Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 157Page - STMicroelectronics ST7MC1 Datasheet HTML 158Page - STMicroelectronics ST7MC1 Datasheet HTML 159Page - STMicroelectronics ST7MC1 Datasheet HTML 160Page - STMicroelectronics ST7MC1 Datasheet HTML 161Page - STMicroelectronics ST7MC1 Datasheet HTML 162Page - STMicroelectronics ST7MC1 Datasheet HTML 163Page - STMicroelectronics ST7MC1 Datasheet HTML 164Page - STMicroelectronics ST7MC1 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 308 page
background image
ST7MC1/ST7MC2
161/308
MOTOR CONTROLLER (Cont’d)
10.6.6.10 Commutation Noise Filter
For D event detection and for Z event detection
(when SPLG bit is set while DS[3:0] bits are reset),
sampling is done at fSCF during the PWM ON or
OFF time (“Sampling block” on page 158). To
avoid any erroneous detection due to PWM com-
mutation noise, an hardware filter of 1µs (for fPER-
IPH = 4Mhz) when PWM is put ON and when PWM
is put OFF has been implemented. This means
that, with sampling at 1MHz (1µs), due to this filter,
1 sample are ignored directly after the commuta-
tion.
This filter is active all the time for the D event and
it is active for the Z event when the SPLG bit is set
and DS[3:0] bits are cleared (meaning that the Z
event is sampled at high frequency during the
PWM ON or OFF time).
Table 34. Sensor/sensorless mode and D & Z event selection
Note: For fSCF selection, see Table 82
SR
bit
SPLG
bit
DS[3:0]
bits
Mode
OS[2:0]
bits use
Event detection
sampling clock
Sampling
behaviour for
Z event
detection
Window and
Event Filters
Behaviour of the
output PWM
0
0
000
Sensors
not used
Enabled
D:
fSCF
Z: SA&OT config.
PWM frequency
At the end of
the off time of
the PWM sig-
nal
“Before D” behaviour,
“between D and Z” be-
haviour and “after Z”
behaviour
0
1
000
Sensors
not used
Enabled
D:
fSCF
Z:
fSCF
During off time
or ON time of
the PWM sig-
nal
“Before D” behaviour,
“between D and Z” be-
haviour and “after Z”
behaviour
00
Not
equal to
000
Sensors
not used
Enabled
D:
fSCF
Z: SA&OT config.
PWM frequency
During ON
time of the
PWM signal
“Before D” behaviour,
“between D and Z” be-
haviour and “after Z”
behaviour
01
Not
equal to
000
Sensors
not used
Enabled
D:
fSCF
Z:
fSCF
During ON
time of the
PWM signal
“Before D” behaviour,
“between D and Z” be-
haviour and “after Z”
behaviour
1x
xxx
Position
Sensors
used
OS1 dis-
abled
Z:
fSCF
During OFF
time or ON
time of the
PWM signal
No Z Window Filter
Only Z Event Filter
is active in
Sensor mode
“Before Z” behaviour
and “after Z” behaviour
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com