Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 185 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 181Page - STMicroelectronics ST7MC1 Datasheet HTML 182Page - STMicroelectronics ST7MC1 Datasheet HTML 183Page - STMicroelectronics ST7MC1 Datasheet HTML 184Page - STMicroelectronics ST7MC1 Datasheet HTML 185Page - STMicroelectronics ST7MC1 Datasheet HTML 186Page - STMicroelectronics ST7MC1 Datasheet HTML 187Page - STMicroelectronics ST7MC1 Datasheet HTML 188Page - STMicroelectronics ST7MC1 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 308 page
background image
ST7MC1/ST7MC2
185/308
MOTOR CONTROLLER (Cont’d)
10.6.8.2 Over Current Handling in Voltage
mode
When the current limitation interrupt is enabled by
setting the CLIM bit in the MIMR register (available
only in Voltage mode), the OCV bit in MCRB reg-
ister will determine the effect of this interrupt on
the MCOx outputs as shown in Table 43.
Table 43. OCV bit effect
For safety purposes, it can be necessary to put all
MCOx outputs in reset state (high impedance,
high state or low state depending on the setting
made by the option byte) on a current limitation in-
terrupt. This is the purpose of the OCV bit. When a
current limitation interrupt occurs, if the OCV bit is
reset, the effect on the MCOx outputs is only to put
the PWM signal OFF on the concerned outputs. If
the OCV bit is set, when the current limitation inter-
rupt occurs, all the MCOx outputs are put in reset
state.
Note 1: Only this functionality (CLIM = CLI = OCV
= 1) is valid when the 3 PWM channels are ena-
bled (PCN bit =1 in the MDTG register). It can also
be used as an over-current protection for three-
phase PWM application (only if voltage mode is
selected)
10.6.8.3 Current Mode
In current mode, the PWM output signal is gener-
ated by a combination of the output of the meas-
urement window generator (see Figure 107) and
the output of the current comparator, and is direct-
ed to the output channel manager as well (Figure
108).
The current reference is provided to the compara-
tor by Phase U, V or W of the PWM Generator (up
to 12-bit accuracy) the signal from the three com-
pare registers U, V or W can be output by setting
the PWMU, PWMV or PWMW bits in the MPWME
register. The PWM signal is filtered through an ex-
ternal RC filter on pin MCCREF.
The detected current input must be present on the
MCCFI pin.
10.6.8.4 Current Feedback Comparator
Two programmable filters are implemented:
– A blanking window ( Current Window Filter) after
PWM has been switched ON to avoid spurious
PWM OFF states caused by parasitic noise
– An event counter (Current Feedback Filter) to
prevent PWM being turned OFF when the first
comparator edge is detected.
Figure 105. Current Window and Feedback
Filters
CLIM bit CLI bit OCV bit
Output effect
Interrupt
00
x
Normal running
mode
No
01
x
PWM is put OFF
on Current loop
effect
No
10
x
Normal running
mode
No
11
0
PWM is put OFF
on Current loop
effect
Yes
11
1
All MCOx outputs
are put in reset
state (MOE re-
set)1)
Yes
PWM on
No
End of
Blanking Window
?
Current >
Limit
?
Limit=1?
Reset counter
Increment counter
Set the CL bit
Counter=
No
No
Yes
Yes
No
Yes
WINDOW
FILTER
FEEDBACK
FILTER
Limit?
CURRENT
CURRENT
Yes
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com