Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 188 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 184Page - STMicroelectronics ST7MC1 Datasheet HTML 185Page - STMicroelectronics ST7MC1 Datasheet HTML 186Page - STMicroelectronics ST7MC1 Datasheet HTML 187Page - STMicroelectronics ST7MC1 Datasheet HTML 188Page - STMicroelectronics ST7MC1 Datasheet HTML 189Page - STMicroelectronics ST7MC1 Datasheet HTML 190Page - STMicroelectronics ST7MC1 Datasheet HTML 191Page - STMicroelectronics ST7MC1 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 308 page
background image
ST7MC1/ST7MC2
188/308
MOTOR CONTROLLER (Cont’d)
This sets the minimum off time of the PWM signal
generated by this internal clock. This off time can
vary depending on the output of the current feed-
back comparator. In sensor mode (SR=1) and
when the sampling for the Z event is done during
the PWM ON time in sensorless mode (SPLG bit is
set in MCRC register and /or DS[3:0] bits with a
value other than 000 in MCONF register), there is
no minimum OFF time required anymore, the min-
imum off time is set automatically to 0µs and the
OFF time of the PWM signal is controlled only by
the current regulation loop.
Table 47. Sampling Frequency Selection
Note: Times are indicated for 4 MHz fPERIPH
Warning: If the off time value set is superior than
the period of the PWM signal (for example 40µs off
time for a 50KHz (25µs period) PWM frequency),
then the signal output on MCOx pins selected is a
100% duty cycle signal (always at 1).
Table 48. Off time table
Note: Times are indicated for 4 MHz fPERIPH
Figure 107. Sampling clock generation block
SA3
SA2
SA1
SA0
Sampling Frequency
0
0
0
0
50.0 KHz
0
0
0
1
40.0 KHz
0
0
1
0
33.33 KHz
0
0
1
1
25.0 KHz
0
1
0
0
20.0 KHz
0
1
0
1
18.1 KHz
0
1
1
0
15.4 KHz
0
1
1
1
12.5 KHz
10
00
10 KHz
1
0
0
1
6.25 KHz
1
0
1
0
3.13 KHz
1
0
1
1
1.56 KHz
1
1
0
0
1.25 KHz
1
1
0
1
961 Hz
1
1
1
0
625 Hz
1
1
1
1
390 Hz
OT3 OT2 OT1 OT0
Off Time sen-
sorless mode
(SR=0)
(DS[3:0]=0)
Sensor Mode
(SR=1) or sam-
pling during ON
time in sensor-
less (SPLG =1
and/or DS[3:0]
bits)
0
0
0
0
2.5 µs
No minimum off
time
0
0
0
1
5 µs
0
0
1
0
7.5 µs
0
0
1
1
10 µs
01
0
0
12.5 µs
0
1
0
1
15 µs
01
1
0
17.5 µs
0
1
1
1
20 µs
10
0
0
22.5 µs
1
0
0
1
25 µs
10
1
0
27.5 µs
1
0
1
1
30 µs
1
1
0
0
32.5
µs
1
1
0
1
35
µs
1
1
1
0
37.5
µs
1
1
1
1
40
µs
Frequency logic
fPERIPH
Off-Time logic
4
SA[3:0] bits
2
OT[3:0] bits
Toff
Tsampling
Note: The MTC controller input frequency (
fPERIPH) is 4 MHz in this example,
.
MPRSR Register
MPWME Register
It can be configured to 8MHz with the XT16: XT8 bits in the MCONF register
(measurement window)
Sampling
Clock
Frequency
OFF time
The BEMF is sampled at the end of OFF time
in sensorless mode
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com