Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 189Page - STMicroelectronics ST7MC1 Datasheet HTML 190Page - STMicroelectronics ST7MC1 Datasheet HTML 191Page - STMicroelectronics ST7MC1 Datasheet HTML 192Page - STMicroelectronics ST7MC1 Datasheet HTML 193Page - STMicroelectronics ST7MC1 Datasheet HTML 194Page - STMicroelectronics ST7MC1 Datasheet HTML 195Page - STMicroelectronics ST7MC1 Datasheet HTML 196Page - STMicroelectronics ST7MC1 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 308 page
background image
ST7MC1/ST7MC2
193/308
MOTOR CONTROLLER (Cont’d)
10.6.9.3 Dead Time Generator
When using typical triple half bridge topology for
power converters, precautions must be taken to
avoid short circuits in half bridges. This is ensured
by driving high and low side switches with comple-
mentary signals and by managing the time be-
tween the switching-off and the switching-on in-
stants of the adjacent switches.
This time is usually known as deadtime and has to
be adjusted depending on the devices connected
to the PWM outputs and their characteristics (in-
trinsic delays of level-shifters, delays due to power
switches,...).
When driving motors in six-step mode, the dead-
time generator function also allows synchronous
rectification to be performed on the switch adja-
cent to the one where PWM is applied to reduce
conduction losses.
For each of the three PWM channels, there is one
6-bit Dead Time generator available.
It generates two output signals: A and B.
The A output signal is the same as the input phase
signal except for the rising edge, which is delayed
relative to the input signal rising edge.
The B output signal is the opposite of the input
phase signal except the rising edge which is de-
layed relative to the input signal falling edge.
Figure 111 shows the relationship between the
output signals of the deadtime register and its in-
puts.
If the delay is greater than the width of the active
phase (A or B) then the corresponding pulse is not
generated (see Figure 112 and Figure 113).
Figure 111. Dead Time waveforms
Figure 112. Dead time waveform with delay greater than the negative PWM pulse
Reference
Output A
Output B
Delay
Delay
5V
5V
5V
0V
0V
0V
Input signal
Input
Output A
Output B
Delay
5V
5V
5V
0V
0V
0V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com