Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 196 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 196 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 192Page - STMicroelectronics ST7MC1 Datasheet HTML 193Page - STMicroelectronics ST7MC1 Datasheet HTML 194Page - STMicroelectronics ST7MC1 Datasheet HTML 195Page - STMicroelectronics ST7MC1 Datasheet HTML 196Page - STMicroelectronics ST7MC1 Datasheet HTML 197Page - STMicroelectronics ST7MC1 Datasheet HTML 198Page - STMicroelectronics ST7MC1 Datasheet HTML 199Page - STMicroelectronics ST7MC1 Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 308 page
background image
ST7MC1/ST7MC2
196/308
MOTOR CONTROLLER (Cont’d)
If the PCN bit is reset, one of the three PWM sig-
nals (the one set by the compare U register pair) or
the output of the measurement window generator
(depending on if the driving mode is voltage or cur-
rent) is used to provide six-step signals through
the PWM manager (to drive a PM BLDC motor for
instance).
In that case, DTE behaves like a standard bit (with
multiple write capability). When the deadtime gen-
erator is enabled (bit DTE=1), some restrictions
are applied, summarized in Table 53:
■ Channels
are
now
grouped
by
pairs:
Channel[0:1], Channel[2:3], Channel[4:5]; a
deadtime generator is allocated to each of these
pairs (see cautions below);
■ The input signal of the deadtime generator is the
active output of the PWM manager for the
corresponding channel. For instance, if we
consider the Channel[0:1] pair, it may be either
Channel0 or Channel1.
■ When both channels of a pair are inactive, the
corresponding outputs will also stay inactive
(this is mandatory to allow BEMF zero-crossing
detection).
Table 53 summarizes the functionality of the dead-
time generator when the PCN bit is reset. 1(pwm*)
means that the corresponding channel is active (1
in the corresponding bit in the MPHST register),
and a PWM signal is applied on it (using the MPAR
register and the OS[2:0] bits in MCRB register).
PWM represents the complementary signals (al-
though the duty cycle is slightly different due to
deadtime insertion). 0 means that the channel is
inactive and 1 means that the channel is active
and a logic level 1 is applied on it (no PWM signal).
Table 53. Dead Time generator outputs
* PWM generation enabled
Warning: Grouping channels by pairs imposes the
external connections between the MCO outputs
and power devices; the user must therefore pay at-
tention to respect the “recommended schematics”
described in Figure 123. on page 227 and Figure
124
Note: As soon as the channels are grouped in
pairs, special care has to be taken in configuring
the MPAR register for a PM BLDC drive. If both
channels of the same pair are both labelled “high”
for example and if the PWM is applied on high
channels, the active MCO output x (OOx=1 bit in
the MPHST register) outputs PWM and the paired
MCO output x+1 (OOx+1bit in the MPHST regis-
ter) outputs PWM and vice versa.
Caution: When PCN=0 and a complementary
PWM is applied (DTE=1) on one channel of a pair,
if both channels are active, this corresponds in
output to both channels OFF. This is for security
purpose to avoid cross-conduction.
Caution: To clear the DTE bit from reset state of
MDTG register (FFh), the PCN bit must be cleared
before.
PCN = 0; DTE =1; x= 0, 2, 4
On/Off x
(OOx bit)
On/Off x+1
(OOx+1 bit)
MCOx output
MCOx+1
output
01 (pwm*)
PWM
PWM
1 (pwm*)
0
PWM
PWM
11 (pwm*)
0
0
1 (pwm*)
1
0
0
10
1
0
01
0
1
00
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com