Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 198 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 194Page - STMicroelectronics ST7MC1 Datasheet HTML 195Page - STMicroelectronics ST7MC1 Datasheet HTML 196Page - STMicroelectronics ST7MC1 Datasheet HTML 197Page - STMicroelectronics ST7MC1 Datasheet HTML 198Page - STMicroelectronics ST7MC1 Datasheet HTML 199Page - STMicroelectronics ST7MC1 Datasheet HTML 200Page - STMicroelectronics ST7MC1 Datasheet HTML 201Page - STMicroelectronics ST7MC1 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 308 page
background image
ST7MC1/ST7MC2
198/308
MOTOR CONTROLLER (Cont’d)
10.6.9.4 Programmable Chopper
Depending on the application hardware (use of a
pulse transformer, for example), a chopper may be
needed for the PWM signal. The MREF register al-
lows the chopping frequency and mode to be pro-
grammed.
The HFE[1:0] bits program the channels on which
chopping is to be applied. The chopped PWM sig-
nal may be needed for high side switches only, low
side switches or both of them in the same time
(see Table 54).
Table 54. Chopping mode
The chopping frequency can any of the 8 values
from 100KHz to 2MHz selected by the HFRQ[2:0]
bits in the MREF register (see Table 55).
Table 55. Chopping frequency
Note: When the PCN bit = 0:
– If complementary PWM signals are not applied
(DTE bit = 0), the high and low drivers are fixed
by the MPAR register. Figure 108, Figure 114
and Figure 115 indicate where the HFE[1:0] bits
are taken into account depending on the PWM
application.
– If complementary PWM signals are applied (DTE
bit = 1), the channels are paired as explained in
“Dead Time Generator” on page 193. This
means that the high and low channels are fixed
and the HFE[1:0] bits indicate where to apply the
chopper. Figure 116 shows typical complemen-
tary PWM signals with high frequency chopping
enabled on both high and low drivers.
Figure 116. Complementary PWM signals with chopping frequency on high and low side drivers
HFE[1:0] bits
Chopping mode
HFE1
HFE0
PCN bit =0
PCN bit =1
00
OFF
OFF
0
1
Low channels only
Low side switches
MCO1, 3, 5
1
0
High channels only
High side switches
MCO0, 2, 4
11
Both Low and High
channels
Both high and low
sides
HFRQ2 HFRQ1 HFRQ0
Chopping
frequency
Fmtc = 16MHz
Fmtc = 8MHz
Chopping
frequency
Fmtc = 4MHz
0
0
0
100 KHz
50 KHz
0
0
1
200 KHz
100 KHz
0
1
0
400 KHz
200 KHz
0
1
1
500 KHz
250 KHz
1
0
0
800 KHz
400 KHz
1
0
1
1 MHz
500 KHz
1
1
0
1.33 MHz
666.66 MHz
11
1
2 MHz
1 MHz
Reference
Output A
Output B
Delay
Delay
5V
5V
5V
0V
0V
0V
Input signal
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com