Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 203 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 203 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 199Page - STMicroelectronics ST7MC1 Datasheet HTML 200Page - STMicroelectronics ST7MC1 Datasheet HTML 201Page - STMicroelectronics ST7MC1 Datasheet HTML 202Page - STMicroelectronics ST7MC1 Datasheet HTML 203Page - STMicroelectronics ST7MC1 Datasheet HTML 204Page - STMicroelectronics ST7MC1 Datasheet HTML 205Page - STMicroelectronics ST7MC1 Datasheet HTML 206Page - STMicroelectronics ST7MC1 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 308 page
background image
ST7MC1/ST7MC2
203/308
MOTOR CONTROLLER (Cont’d)
■ 12-bit Mode (PMS bit = 0 in the MPCR register)
This mode is useful for MCMP0 values ranging
from 9 bits to 12 bits. Figure 121 presents the way
Compare 0 and Compare U, V, W should be load-
ed). It requires loading two bytes in the MCMPxH
and MCMPxL registers (i.e. MCMP0, MCMPU,
MCMPV and MCMPW 16-bit registers) following
the sequence described below:
– write to the MCMPxL register (LSB) first
– then write to the MCMPxH register (MSB).
The 16-bit value is then ready to be transferred in
the active register as soon as an update event oc-
curs. This sequence is necessary to avoid poten-
tial conflicts with update interrupts causing the
hardware transfer from preload to active registers:
if an update event occurs in the middle of the
above sequence, the update is effective only when
the MSB has been written.
■ 8-bit PWM mode (PMS bit = 1 in MPCR register)
This mode is useful whenever the MCMP0 value is
less or equal to 8-bits. It allows significant CPU re-
source savings when computing three-phase duty
cycles during PWM interrupt routines. In this
mode, the Compare 0 and Compare U, V, W reg-
isters have the same size (8 bits). The extension of
the MCMPx registers is done in using the OVFx
bits in the MPCR register (refer to Figure 121).
These bits force the related duty-cycles to 100%
and are reset by hardware on occurence of a
PWM update event.
Note about read access to registers with
preload: during read accesses, values read are
the content of the preload registers, not the active
registers.
Note about compare register active bit loca-
tions: the 13 active bits of the MCMPx registers
are left-aligned. This allows temporary calculations
to be done with 16-bit precision, round-up is done
automatically to the 13-bit format when loading the
values of the MCMPx registers.
Note about MCMP0x registers: the configuration
MCMP0H=MCMP0L=0 is not allowed
Figure 121. Comparison between 12-bit and 8-bit PWM mode
OvfX
b0
b7
MCMP0H
b0
b7
MCMP0L
b0
b7
MCMPxH
b0
b7
MCMPxL
Ext
b0
b7
MCMP0H
b0
b7
MCMP0L
b0
b7
MCMPxH
b0
b7
MCMPxL
MPCR
12-bit PWM mode
(PMS bit = 0)
8-bit PWM mode
(PMS bit = 1)
b0
b7
OvfW
OvfV
OvfU
Ext
Bit not available
Bit extending comparison range
Equivalent bit location
PWM frequency
set-up
Phase x duty
cycle set-up
PWM frequency
set-up
Phase x duty
cycle set-up
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com