Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 201Page - STMicroelectronics ST7MC1 Datasheet HTML 202Page - STMicroelectronics ST7MC1 Datasheet HTML 203Page - STMicroelectronics ST7MC1 Datasheet HTML 204Page - STMicroelectronics ST7MC1 Datasheet HTML 205Page - STMicroelectronics ST7MC1 Datasheet HTML 206Page - STMicroelectronics ST7MC1 Datasheet HTML 207Page - STMicroelectronics ST7MC1 Datasheet HTML 208Page - STMicroelectronics ST7MC1 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 308 page
background image
ST7MC1/ST7MC2
205/308
MOTOR CONTROLLER (Cont’d)
10.6.10.7 Timer Re-synchronisation
The 12-bit timer can be re-synchronized by a sim-
ple write access with FFh value in the MISR regis-
ter. Re-synchronization means that the 12-bit
counter is reset and all the compare preload regis-
ters MCP0, MCPU, MCPV, MCPW are transferred
to the active registers.
To re-synchronize the 12-bit timer properly , the
following procedure must be applied:
– 1. Load the new values in the preload compare
registers
– 2. Load FFh value in the MISR register (this will
reset the counter and transfer the compare
preload registers in the active registers: U event)
– 3. Reset the PUI flag by loading 7Fh in the MISR
register. Refer to Note 2 on page 208
Note: Loading FFh value in the MISR register will
have no effect on any other flag than the PUI flag
and will generate a PWM update interrupt if the
PUM bit is set.
Warning: In switched mode (SWA bit is reset), the
procedure is the same and loading FFh in the
MISR register will have no effect on flags except
on the PUI flag. As a consequence, it is recom-
mended to avoid setting RMI and RPI flags at the
same time in switched mode because none of
them will be taken into account.
10.6.10.8 PWM generator initialization and
start-up
The three-phase generator counter stays in reset
state (i.e. stopped and equal to 0), as long as MTC
peripheral clock is disabled (CKE = 0).
Setting the CKE bit has two actions on the PWM
generator:
■ It starts the PWM counter
■ It forces the update of all registers with preload
registers transferred on U update event, i.e.
MREP, MPCR, MCMP0, MCMPU, MCMPV,
MCMPW (in 12-bit mode, both MCMPxL and
MCMPxH must have been written, following the
mandatory LSB/MSB sequence, before setting
CKE bit). It consequently generates a U
interrupt.
10.6.11 Low Power Modes
Before executing a HALT or WFI instruction, soft-
ware must stop the motor, and may choose to put
the outputs in high impedance.
10.6.12 Interrupts
The MTC interrupt events are connected to the
three interrupt vectors (see Interrupts chapter).
They generate an interrupt if the corresponding
Enable Control Bit is set and the interrupt mask in
the CC register is reset (RIM instruction).
Mode
Description
WAIT
No effect on MTC interface.
MTC interrupts exit from Wait mode.
HALT
MTC registers are frozen.
In Halt mode, the MTC interface is in-
active. The MTC interface becomes
operational again when the MCU is
woken up by an interrupt with “exit
from Halt mode” capability.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Ratio increment
RPI
RIM
Yes
No
Ratio decrement
RMI
Yes
No
Speed Error
SEI
SEM
Yes
No
Emergency Stop
EI
EIM
Yes
No
Current Limitation
CLI
CLIM
Yes
No
BEMF Zero-Crossing
ZI
ZIM
Yes
No
End of Demagnetization
DI
DIM
Yes
No
Commutation or
Capture
CI
CIM
Yes
No
PWM Update
PUI
PUM
Yes
No
Sampling Out
SOI
SOM
Yes
Not
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com