Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 281 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 281 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 277Page - STMicroelectronics ST7MC1 Datasheet HTML 278Page - STMicroelectronics ST7MC1 Datasheet HTML 279Page - STMicroelectronics ST7MC1 Datasheet HTML 280Page - STMicroelectronics ST7MC1 Datasheet HTML 281Page - STMicroelectronics ST7MC1 Datasheet HTML 282Page - STMicroelectronics ST7MC1 Datasheet HTML 283Page - STMicroelectronics ST7MC1 Datasheet HTML 284Page - STMicroelectronics ST7MC1 Datasheet HTML 285Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 308 page
background image
ST7MC1/ST7MC2
281/308
10-BIT ADC CHARACTERISTICS (Cont’d)
Figure 159. Typical Application with ADC
Notes:
1. When VSSA pins are not available on the pinout, the ADC refer to VSS.
2. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
3. CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad ca-
pacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this, fADC should be reduced.
4. This graph shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization time and
decreased to allow the use of a larger serial resistor (RAIN).
AINx
ST7MC
VDD
IL
±1
µA
VT
0.6V
VT
0.6V
VAIN
RAIN
VAREF
VSSA
0.1
µF
VDD
RAREF
CADC
6pF
CAIN
10-Bit A/D
Conversion
2k
Ω(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com