Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1 Datasheet(PDF) 283 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 283 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 279Page - STMicroelectronics ST7MC1 Datasheet HTML 280Page - STMicroelectronics ST7MC1 Datasheet HTML 281Page - STMicroelectronics ST7MC1 Datasheet HTML 282Page - STMicroelectronics ST7MC1 Datasheet HTML 283Page - STMicroelectronics ST7MC1 Datasheet HTML 284Page - STMicroelectronics ST7MC1 Datasheet HTML 285Page - STMicroelectronics ST7MC1 Datasheet HTML 286Page - STMicroelectronics ST7MC1 Datasheet HTML 287Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 308 page
background image
ST7MC1/ST7MC2
283/308
10-BIT ADC CHARACTERISTICS (Cont’d)
ADC Accuracy with VDD=5.0V
Notes:
1. ADC Accuracy vs. Negative Injection Current: Injecting negative current may reduce the accuracy of the conversion
being performed on another analog input. The effect of negative injection current on analog pins is specified in Section
12.14.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 12.8 does not affect the ADC
accuracy.
2. Data based on characterization results, monitored in production to guarantee 99.73% within ± max value from -40°C
to 125°C (± 3
σ distribution limits).
Figure 161. ADC Accuracy Characteristics
Notes:
1. ADC Accuracy vs. Negative Injection Current:
For IINJ-=0.8mA, the typical leakage induced inside the die is 1.6µA and the effect on the ADC accuracy is a loss of 4 LSB
for each 10K
Ω increase of the external analog source impedance. This effect on the ADC accuracy has been observed
under worst-case conditions for injection:
- negative injection
- injection to an Input with analog capability, adjacent to the enabled Analog Input
- at 5V VDD supply, and worst case temperature.
2. Data based on characterization results with TA=25°C.
3. Data based on characterization results over the whole temperature range, monitored in production.
Symbol
Parameter
Conditions
Typ
Max 2)
Unit
|ET|
Total unadjusted error 1)
VAREF=3.0V to 5.0V, fCPU=8MHz,
fADC=4MHz, RAIN<10kΩ
4
LSB
|EO|Offset error
1)
2.5
4
|EG|
Gain Error 1)
24
|ED|
Differential linearity error 1)
24.5
|EL|
Integral linearity error 1)
24.5
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DDA
V
SSA
–
1024
-----------------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
2
3
4567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VAREF
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com