Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS760SL-3 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS760SL-3
Description  760 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS760SL-3 Datasheet(HTML) 4 Page - Artesyn Technologies

  DS760SL-3 Datasheet HTML 1Page - Artesyn Technologies DS760SL-3 Datasheet HTML 2Page - Artesyn Technologies DS760SL-3 Datasheet HTML 3Page - Artesyn Technologies DS760SL-3 Datasheet HTML 4Page - Artesyn Technologies DS760SL-3 Datasheet HTML 5Page - Artesyn Technologies DS760SL-3 Datasheet HTML 6Page - Artesyn Technologies DS760SL-3 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS760SL Series Data Sheet
Outputs - All Models
Turn On/Off Timing
Item
Description
Min
Max
Units
Tvout_rise
+12 Output rise time
10
300
mSec
Tvout_rise
5.0 Vsb output rise time
1
50
mSec
Tsb_on_delay
Delay from AC being applied to 5.0 Vsb being within regulation.
1500
mSec
Tac_on_delay
Delay from AC being applied to all output voltages being within regulation.
3000
mSec
Tvout_holdup
Time all output voltages, including 5.0 Vsb, stay within regulation after loss of AC.
12
mSec
Tpwok_holdup
Delay from loss of AC to de-assertion of PWOK
5
mSec
Tpson_on_delay
Delay from PSON# active to output voltages within regulation limits.
50
2500
mSec
Tpson_pwok
Delay from PSON# de-active to PWOK being de-asserted.
100
mSec
Tacok_delay
Delay from loss of AC input to de-assertion of ACOK#.
10
mSec
Tpwok_on
Delay from output voltages within regulation limits to PWOK asserted at turn on.
100
1000
mSec
Tpwok_off
Delay from PWOK de-asserted to 12 Vdc or 5.0 Vsb dropping out of regulation limits.
1
1000
mSec
Tpwok_low
Duration of PWOK being in the de-asserted state during an off/on cycle using AC or the PSON# signal.
100
mSec
Tsb_vout
Delay from 5.0 Vsb being in regulation to 12 Vdc being in regulation at AC turn on.
50
1000
mSec
PSON #
The PSON# signal is required to remotely turn on/off the power
supply. PSON# is an active low signal that turns on the +12 Vdc
power rail. When this signal is not pulled low by the system, or left
open, the +12 Vdc output turns off. The 5.0 Vsb output remains
on. This signal is pulled to a standby voltage by a pull-up resistor
internal to the power supply. The power supply fan(s) shall operate
at the lowest speed.
PSON Signal Characteristics
Signal Type
Accepts an open collector/drain
input from the system. Pulled-up
to the 5.0 Vsb located in power
supply.
PSON# = Low
ON
PSON# = Open
OFF
MIN
MAX
Logic level low (power supply ON)
0 V
0.8 V
Logic level high (power supply OFF)
2.0 V
4.125 V
Source current, Vpson = low
4 mA
Power up delay: Tpson_on_delay
5 msec
200 msec
PWOK Signal Characteristics
Signal Type
Open collector/drain output
from power supply. Pullup to
5.0 Vsb external to the power
supply.
PWOK = High
Power Good
PWOK = Low
Power Not Good
MIN
MAX
To tLogic level low voltage, Ising = 4 mA
0 V
0.8 V
Logic level high voltage, Isource = 200 µA
2.0 V
4.125 V
Sink current, PWOK = low
4 mA
Source current, PWOK = high
2 mA
PWOK# (POWER GOOD)
PPWOK is a power good signal and will assert HIGH when the
outputs are within the regulation limits. PWOK will be pulled LOW
by the power supply to indicate when either output falls below
regulation limits or when AC power has been removed for a time
sufficiently long so that power supply operation is no longer guaran-
teed. The start of the PWOK# delay time shall be inhibited as long
as the +12 Vdc output is in current limit or the 5.0 Vsb output is
below the regulation limit.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com