Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS760SL-3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS760SL-3
Description  760 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS760SL-3 Datasheet(HTML) 2 Page - Artesyn Technologies

  DS760SL-3 Datasheet HTML 1Page - Artesyn Technologies DS760SL-3 Datasheet HTML 2Page - Artesyn Technologies DS760SL-3 Datasheet HTML 3Page - Artesyn Technologies DS760SL-3 Datasheet HTML 4Page - Artesyn Technologies DS760SL-3 Datasheet HTML 5Page - Artesyn Technologies DS760SL-3 Datasheet HTML 6Page - Artesyn Technologies DS760SL-3 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS760SL Series Data Sheet
Efciency Curve 760 W DS Slim (STD Air)
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
800.0
900.0
Output Power [W]
230 Vac, 50Hz
115 Vac, 60Hz
Output
Output rating
12 V @ 62.3 A; 748 W
5.0 Vsb @ 2.4 A; 12 W
90 - 264 Vac
Setpoint
12.0 V
Programmable ± 5% through I2C serial bus
Total regulation range
12 V ± 1%
5.0 Vsb ± 3%
Line/load/transient when measured at output
connector
Rated load
760 W maximum
No derating over operating temp range
Minimum load
12 V @ 0.0 A
5.0 Vsb @ 0.0 A
No loss of regulation
Output noise (PARD)
100 mV Max P-P
100 mV Max P-P
12.0 V output
5.0 Vsb output
Measured with a 0.1 uF ceramic and 10 uF tantalum capacitor on any output; 20 Mhz
Output voltage overshoot
300 mV; 12 V main
200 mV; 5.0 standby
1 A/uSec slew rate
Transient response
< 250 uSec
50% load step @ 1 A/us
Step load valid between 10% to 100% of output rating
Recovery time to within 1% of set point at onset of transient
Max units in parallel
Up to 4
Short circuit protection
To 120% of rated output
Output to return
Remote sense
Compensation up to 100 MV
Output isolation
Standard per Safety Requirements
Forced load sharing
To within 10% of all shared outputs
Digital sharing control
Overload protection (OCP)
120% to 130%
120% to 170%
12 V output
5.0 Vsb output
Overvoltage protection (OVP)
110% to 120%
110% to 125%
12 V outpu
5.0 Vsb output
Overtemperature protection
10 - 15 ˚C above safe operating area
Both PFC and output converter monitored
Ordering Information
Model Number
O/P Voltage
Set Point
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
Output
Ripple P/P
Stand-by
Voltage
Air Flow
DS760SL-3
12.0 Vdc
± 0.2%
± 1%
0 A
62.3 A
120 mV
5.0 V @ 2.4 A
Standard
DS760SL-3-001
12.0 Vdc
± 0.2%
± 1%
0 A
50.0 A
120 mV
5.0 V @ 2.4 A
Reverse
DS760SL-3-002
12.0 Vdc
± 0.2%
± 1%
0 A
62.3 A
120 mV
3.3 V @ 2.4 A
Standard
DS760SL-3-003
12.0 Vdc
± 0.2%
± 1%
0 A
50.0 A
120 mV
3.3 V @ 2.4 A
Reverse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com