Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS760SL-3 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS760SL-3
Description  760 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS760SL-3 Datasheet(HTML) 1 Page - Artesyn Technologies

  DS760SL-3 Datasheet HTML 1Page - Artesyn Technologies DS760SL-3 Datasheet HTML 2Page - Artesyn Technologies DS760SL-3 Datasheet HTML 3Page - Artesyn Technologies DS760SL-3 Datasheet HTML 4Page - Artesyn Technologies DS760SL-3 Datasheet HTML 5Page - Artesyn Technologies DS760SL-3 Datasheet HTML 6Page - Artesyn Technologies DS760SL-3 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER
DS760SL Series
760 Watts Bulk Front End
Electrical Specifications
Input
Input range (operating)
90 - 264 Vac
Input range (nominal)
115 / 230 Vac
Input through IEC connector
Frequency
47 - 63 Hz
Input fusing
Internal 10 A fuses
Both lines fused
Inrush current
< = 25 A peak
Either hot or cold start
Power factor
0.99 typical
Meets EN61000-3-2
Harmonics
Meets IEC 1000-3-2 requirements
Input current
8.8 A RMS max input current
At 100 Vac
Holdup time
12 ms minimum for main O/P
20 ms minimum for standby
At full rated load
Undervoltage lockout
85 ± 2.5 Vac
80 ± 2.5 Vac
Turn-on voltage
Turn-off voltage
Overvoltage lockout
N/A
Leakage current
< 0.8 mA
At 264 Vac
On/Off power switch
N/A
Power line transient
MOV directly after the fuse
Data Sheet
Environmental Specifications
Operating temperature
-10 ° to 50 °C
Storage temperature
-40 ° to 85 °C
Cooling
Internal fan (fan speed control)
Operating relative humidity
5% to 95% non-condensing
Altitude
10,000 feet
RoHS compliant
Yes
Total Output Power:
760 Watts +5.0 Vdc Standby
SPECIAL FEATURES
ƒ
760 W output power
ƒ
18.1 W/cu-in
ƒ
1U X 54.5 mm form factor (slimline)
ƒ
N + 1 redundant
ƒ
Hot-swap
ƒ
Internal OR’ing
ƒ
5.0 V housekeeping
ƒ
High efficiency 91% @ 230 Vac,
50% load
ƒ
Variable speed “smart fans”
ƒ
EMI Class A
ƒ
EN61000 Immunity
ƒ
Two year warranty
SAFETY
ƒ
UL/cUL
60950-1
ƒ
CSA
60950-1
ƒ
VDE
60950-1
ƒ
China
CCC
ƒ
CB Scheme Report/Cert


Similar Part No. - DS760SL-3

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
DS760SL-3 ADVANCEDENERGY-DS760SL-3 Datasheet
769Kb / 10P
760 Watts Bulk Front End
01 5.23
DS760SL-3-001 ADVANCEDENERGY-DS760SL-3-001 Datasheet
769Kb / 10P
760 Watts Bulk Front End
01 5.23
DS760SL-3-002 ADVANCEDENERGY-DS760SL-3-002 Datasheet
769Kb / 10P
760 Watts Bulk Front End
01 5.23
DS760SL-3-003 ADVANCEDENERGY-DS760SL-3-003 Datasheet
769Kb / 10P
760 Watts Bulk Front End
01 5.23
More results

Similar Description - DS760SL-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LCM600 EMERSON-NETWORKPOWER-LCM600 Datasheet
659Kb / 6P
600 Watts Bulk Front End
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
Distributed Power Bulk Front-End
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS800SL ARTESYN-DS800SL Datasheet
754Kb / 7P
800 Watts Bulk Front End
DS450DC-3 ARTESYN-DS450DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
LCM1000L ARTESYN-LCM1000L Datasheet
977Kb / 6P
1000 Watt Bulk Front End
LCM600L ARTESYN-LCM600L Datasheet
1Mb / 7P
600 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
1500 Watt Bulk Front End
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com