Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B2T1 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 156Page - STMicroelectronics ST92185B2T1 Datasheet HTML 157Page - STMicroelectronics ST92185B2T1 Datasheet HTML 158Page - STMicroelectronics ST92185B2T1 Datasheet HTML 159Page - STMicroelectronics ST92185B2T1 Datasheet HTML 160Page - STMicroelectronics ST92185B2T1 Datasheet HTML 161Page - STMicroelectronics ST92185B2T1 Datasheet HTML 162Page - STMicroelectronics ST92185B2T1 Datasheet HTML 163Page - STMicroelectronics ST92185B2T1 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 178 page
background image
160/178
ST92185B - VOLTAGE SYNTHESIS TUNING CONVERTER (VS)
VOLTAGE SYNTHESIS (Cont’d)
7.8.3 Register Description
VS
DATA
AND
CONTROL
REGISTER
1
(VSDR1)
R254 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
Bit 7 = VSE:
VS enable bit.
0: VS Tuning Converter disabled (i.e. the clock is
not forwarded to the VS counter and the 2 out-
puts are set to 1 (idle state)
1: VS Tuning Converter enabled.
Bit 6 = VSWP:
VS Output Select
This bit controls which VS output is enabled to out-
put the VS signal.
0: VSO1 output selected
1: VSO2 output selected
Bit 5:0 = VD[13:8]
Tuning word bits.
These bits are the 6 most significant bits of the
Tuning word forming the PWM selection. The
VD13 bit is the MSB.
VS
DATA
AND
CONTROL
REGISTER
2
(VSDR2)
R255 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
Bit 7:0 = VD[7:0]
Tuning word bits.
These bits are the 8 least significant data bits of
the VS Tuning word. All bits are accessible. Bits
VD6 - VD0 form the BRM pulse selection. VD7 is
the LSB of the 7 bits forming the PWM selection.
76543210
VSE
VSWP
VD13
VD12
VD11
VD10
VD9
VD8
70
VD7
VD6
VD5
VD4
VD3
VD2
VD1
VD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com