Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B2T1 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 159Page - STMicroelectronics ST92185B2T1 Datasheet HTML 160Page - STMicroelectronics ST92185B2T1 Datasheet HTML 161Page - STMicroelectronics ST92185B2T1 Datasheet HTML 162Page - STMicroelectronics ST92185B2T1 Datasheet HTML 163Page - STMicroelectronics ST92185B2T1 Datasheet HTML 164Page - STMicroelectronics ST92185B2T1 Datasheet HTML 165Page - STMicroelectronics ST92185B2T1 Datasheet HTML 166Page - STMicroelectronics ST92185B2T1 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 178 page
background image
163/178
ST92185B - PWM GENERATOR
PWM GENERATOR (Cont’d)
7.9.2.1 Register Description
COMPARE REGISTER 0 (CM0)
R240 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 0. When the programmed content is equal to
the counter content, a SET operation is performed
on PWM output 0 (if the output has not been com-
plemented or disabled).
Bit 7:0 = CM0.[7:0]: PWM Compare value Chan-
nel 0.
COMPARE REGISTER 1 (CM1)
R241 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 1.
COMPARE REGISTER 2 (CM2)
R242 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 2.
COMPARE REGISTER 3 (CM3)
R243 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 3.
COMPARE REGISTER 4 (CM4)
R244 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 4.
COMPARE REGISTER 5 (CM5)
R245 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 5.
COMPARE REGISTER 6 (CM6)
R246 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 6.
COMPARE REGISTER 7 (CM7)
R247 - Read/Write
Register Page: 59
Reset Value: 0000 0000 (00h)
This is the compare register controlling PWM out-
put 7.
70
CM0.7 CM0.6 CM0.5 CM0.4 CM0.3 CM0.2 CM0.1 CM0.0
70
CM1.7 CM1.6 CM1.5 CM1.4 CM1.3 CM1.2 CM1.1 CM1.0
70
CM2.7 CM2.6 CM2.5 CM2.4 CM2.3 CM2.2 CM2.1 CM2.0
70
CM3.7 CM3.6 CM3.5 CM3.4 CM3.3 CM3.2 CM3.1 CM3.0
70
CM4.7 CM4.6 CM4.5 CM4.4 CM4.3 CM4.2 CM4.1 CM4.0
70
CM5.7 CM5.6 CM5.5 CM5.4 CM5.3 CM5.2 CM5.1 CM5.0
70
CM6.7 CM6.6 CM6.5 CM6.4 CM6.3 CM6.2 CM6.1 CM6.0
70
CM7.7 CM7.6 CM7.5 CM7.4 CM7.3 CM7.2 CM7.1 CM7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com