Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 214 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 214 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 210Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 211Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 212Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 213Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 214Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 215Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 216Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 217Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 308 page
background image
ST7MC1/ST7MC2
214/308
MOTOR CONTROLLER (Cont’d)
MOTOR
CURRENT
FEEDBACK
REGISTER
(MCFR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7= RPGS: Register Page Selection:
0: Access to registers mapped in page 0
1: Access to registers mapped in page 1
Bit 6= RST: Reset MTC registers.
Software can set this bit to reset all MTC registers
without resetting the ST7.
0: No MTC register reset
1: Reset all MTC registers
Bits 5:3 = CFF[2:0]: Current Feedback Filter bits
These bits select the number of consecutive valid
samples (when the current is above the limit)
needed to generate the active event. Sampling is
done at fPERIPH/4.
Table 67. Current Feedback Filter Setting
Bits 2:0 = CFW[2:0]: Current Window Filter bits:
These bits select the length of the blanking win-
dow activated each time PWM is turned ON. The
filter blanks the output of the current comparator.
Table 68. Current Feedback Window Setting
Note: Times are indicated for 4 MHz fPERIPH
76
54
32
10
RPGS
RST
CFF2
CFF1
CFF0
CFW2 CFW1 CFW0
CFF2
CFF1
CFF0
Current Feedback Samples
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
CFW2
CFW1
CFW0
Blanking Window
0
0
0
Blanking window off
0
0
1
0.5µs
01
0
1µs
0
1
1
1.5µs
10
0
2µs
1
0
1
2.5µs
11
0
3µs
1
1
1
3.5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com