Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 216 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 216 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 212Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 213Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 214Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 215Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 216Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 217Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 218Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 219Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 308 page
background image
ST7MC1/ST7MC2
216/308
MOTOR CONTROLLER (Cont’d)
REFERENCE REGISTER (MREF)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = HST: Hysteresis Comparator Value.
This read only bit contains the hysteresis compa-
rator output.
0: Demagnetisation/BEMF comparator is under
VREF
1: Demagnetisation/BEMF comparator is above
VREF
Bit 6 = CL: Current Loop Comparator Value.
This read only bit contains the current loop compa-
rator output value.
0: Current detect voltage is under VCREF
1: Current detect voltage is above VCREF
Bit 5= CFAV: Current Feedback Amplifier entry
Validation
0: OAZ(MCCFI1) is the current comparator entry
1: MCCFI0 is the current comparator entry
Bits 4:3 = HFE[1:0]: Chopping mode selection
These bits select the chopping mode as shown in
the following table.
Table 71. Chopping mode
Bits 2:0 = HFRQ[2:0] : Chopper frequency selec-
tion
These bits select the chopping frequency.
Table 72. Chopping frequency selection
Note: The chopper signal has a 50% duty cycle.
7
654
3
2
1
0
HST
CL
CFAV
HFE1
HFE0 HFRQ2 HFRQ1 HFRQ0
HFE1
HFE0
Chopping mode
00
OFF
0
1
On Low channels only
1
0
On High channels only
1
1
Both High and Low channels
HFRQ2 HFRQ1 HFRQ0
Chopping
frequency
Fmtc = 16MHz
Fmtc = 8MHz
Chopping
frequency
Fmtc = 4MHz
0
0
0
100 KHz
50 KHz
0
0
1
200 KHz
100 KHz
0
1
0
400 KHz
200 KHz
0
1
1
500 KHz
250 KHz
1
0
0
800 KHz
400 KHz
1
0
1
1 MHz
500 KHz
1
1
0
1.33 MHz
666.66 MHz
11
1
2 MHz
1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com