Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 218 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 218 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 214Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 215Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 216Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 217Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 218Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 219Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 220Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 221Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 308 page
background image
ST7MC1/ST7MC2
218/308
MOTOR CONTROLLER (Cont’d)
REPETITION COUNTER REGISTER (MREP)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = REP[7:0] Repetition counter value (N).
This register allows the user to set-up the update
rate of the PWM counter compare register (i.e. pe-
riodic transfers from preload to active registers),
as well as the PWM Update interrupt generation
rate, if these interrupts are enabled.
Each time the MREP related Down-Counter
reaches zero, the Compare registers are updated,
a U interrupt is generated and it re-starts counting
from the MREP value.
After a microcontroller reset, setting the CKE bit in
the MCRA register (i.e. enabling the clock for the
MTC peripheral) forces the transfer from the
MREP preload register to its active register and
generates a U interrupt. During run-time (while
CKE bit = 1) a new value entered in the MREP
preload register is taken into account after a U
event.
As shown in Figure 122, (N+1) value corresponds
to:
– The number of PWM periods in edge-aligned
mode
– The number of half PWM periods in center-
aligned mode.
–
COMPARE PHASE W PRELOAD REGISTER
HIGH (MCPWH)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = CPWH[7:0] Most Significant Byte of
phase W preload value
COMPARE PHASE W PRELOAD REGISTER
LOW (MCPWL)
Read/Write (except bits 2:0)
Reset Value: 0000 0000 (00h)
Bits 7:5 = CPWL[7:3] Low bits of phase W preload
value.
Bits 2:0 = Reserved.
COMPARE PHASE V PRELOAD REGISTER
HIGH (MCPVH)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:0 = CPVH[7:0] Most Significant Byte of
phase V preload value
COMPARE PHASE V PRELOAD REGISTER
LOW (MCPVL)
Read/Write (except bits 2:0)
Reset Value: 0000 0000 (00h)
Bits 7:5 = CPVL[7:3] Low bits of phase V preload
value.
Bits 2:0 = Reserved.
70
REP7
REP6
REP5
REP4
REP3
REP2
REP1
REP0
70
CPWH
7
CPWH
6
CPWH
5
CPWH
4
CPWH
3
CPWH
2
CPWH
1
CPWH
0
70
CPWL
7
CPWL
6
CPWL
5
CPWL
4
CPWL
3
---
70
CPVH7 CPVH6 CPVH5 CPVH4 CPVH3 CPVH2 CPVH1 CPVH0
70
CPVL7 CPVL6 CPVL5 CPVL4 CPVL3
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com