Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 220 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 216Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 217Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 218Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 219Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 220Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 221Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 222Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 223Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 308 page
background image
ST7MC1/ST7MC2
220/308
MOTOR CONTROLLER (Cont’d)
DEAD TIME GENERATOR REGISTER (MDTG)
Read/Write (except bits 5:0 write once-only)
Reset Value: 1111 1111 (FFh)
Bit 7 = PCN: Number of PWM Channels .
0: Only PWM U signal is output to the PWM man-
ager for six-step mode motor control (e.g. PM
BLDC motors)
1: The three PWM signals U, V and W are output
to the channel manager (e.g. for three-phase
sinewave generation)
Bit 6 = DTE*: Dead Time Generator Enable
0: Disable the Dead Time generator
1: Enable the Dead Time generator and apply
complementary PWM signal to the adjacent
switch
* write once-only bit if PCN bit is set, read/write if
PCN bit is reset. To clear the DTE bit if PCN=1,
it is mandatory to clear the PCN bit first.
Table 74. DeadTime generator set-up
Note 1: This table is true on condition that the CKE
bit is set (Peripheral clock enabled) and the MOE
bit is set (MCOx outputs enabled). See Table 56,
“Output configuration summary,” on page 209
When the PCN bit is reset (e.g. for PM BLDC mo-
tors), in Direct Access mode (DAC=1), if the DTE
bit is reset, PWM signals can be applied on the
MCOx outputs but not complementary PWM. Of
course, logical levels can be also applied on the
outputs.
If the DTE bit is set (PCN=0 and DAC=1), chan-
nels are paired and complementary PWM signals
can be output on the MCOx pins. This will follow
the rules detailed in Table 53, “Dead Time genera-
tor outputs,” on page 196 as the channels are
grouped in pairs.
In this case, the PWM application is selected by
the OS0 bit in the MCRB register.
It is also possible to add a chopper on the PWM
signal output using bits HFE[1:0] and HFRQ[2:0] in
the MREF register.
Caution 1: The PWM mode will be selected via
the 00[5:0] bits in the MPHST register, the OE[5:0]
bits in the MPAR register and the OS2 and OS0
bits in the MCRB register as shown in Table 62,
“PWM mode when SR=1,” on page 212.
Caution 2: When driving motors with three inde-
pendent pairs of complementary PWM signals
(PCN=1),
disabling
the
deadtime
generator
(DTE=0) causes the deadtime to be null: high and
low side signals are exactly complemented.
It is therefore recommended not to disable the
deadtime generator (it may damage the power
stage), unless deadtimes are inserted externally.
Bits 5:0 = DTG[5:0]* Dead time generator set-up.
These bits set-up the deadtime duration and reso-
lution. Refer to Table 52, “Dead time programming
and example,” on page 194 for details.
With Fmtc = 16MHz dead time values range from
125ns to 16µs with steps of 125ns, 250ns and
500ns.
* Write-once bits; once write-accessed these bits
cannot be re-written unless the processor is reset
(See “Caution: Access to write-once bits” on
page 219.).
70
PCN
DTE
DTG5
DTG4
DTG3
DTG2
DTG1
DTG0
DAC
PCN bit
in MDTG
register
DTE bit
in MDTG
register
Complementary PWM
applied to adjacent
switch
00
0
NO
00
1
YES
01
1
YES
01
0
YES, but
WITHOUT deadtime
10
0
NO Complementary
PWM
10
1
YES
11
1
YES
11
0
YES, but
WITHOUT deadtime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com