Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 221 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 221 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 217Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 218Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 219Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 220Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 221Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 222Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 223Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 224Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 225Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 308 page
background image
ST7MC1/ST7MC2
221/308
MOTOR CONTROLLER (Cont’d)
POLARITY REGISTER (MPOL)
Read/Write (some bits write-once)
Reset Value: 0011 1111 (3Fh)
Bit 7 = ZVD: Z vs D edge polarity.
0: Zero-crossing and End of Demagnetisation
have opposite edges
1: Zero-crossing and End of Demagnetisation
have same edge
Bit 6 = REO: Read on High or Low channel bit
0: Read the BEMF signal on High channels
1: Read on Low channels
Note: This bit always has to be configured whatev-
er the sampling method.
Bits 5:0 = OP[5:0]*: Output channel polarity.
These bits are used together with the OO[5:0] bits
in the MPHST register to control the output chan-
nels.
0: Output channel is Active Low
1: Output channel is Active High.
* Write-once bits; once write-accessed these bits
cannot be re-written unless the processor is reset
(See “Caution: Access to write-once bits” on
page 219.).
Table 75. Output Channel State Control
Warning: OP[5:0] bits in the MPOL register must
be configured as required by the application be-
fore enabling the MCO[5:0] outputs with the MOE
bit in the MCRA register.
76
54
32
10
ZVD
REO
OP5
OP4
OP3
OP2
OP1
OP0
OP[5:0] bit
OO[5:0] bit
MCO[5:0] pin
00
1 (Off)
0
1
0 (PWM possible)
10
0 (Off)
1
1
1 (PWM possible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com