Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2S4T6 Datasheet(PDF) 222 Page - STMicroelectronics

Part # ST7MC2S4T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4T6 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button ST7MC2S4T6 Datasheet HTML 218Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 219Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 220Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 221Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 222Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 223Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 224Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 225Page - STMicroelectronics ST7MC2S4T6 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 308 page
background image
ST7MC1/ST7MC2
222/308
MOTOR CONTROLLER (Cont’d)
PWM REGISTER (MPWME)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = DG:Debug Option.
This bit is used to enter debug mode. As a result,
C, D and Z events are output on 2 pins MCDEM
and MCZEM in Switched and Autoswitched mode,
C and U events are output in Speed Measurement
mode. Refer to section10.6.7.3 on page 171 for
more details
0: Normal mode
1: Debug mode
Bit 6 = PWMW: PWM W output control
0: PWM on Compare Register W is not output on
MCPWMW pin
1: PWM on Compare Register W is output on
MCPWMW pin
Bit 5 = PWMV: PWM V output control
0: PWM on Compare Register V is not output on
MCPWMV pin
1: PWM on Compare Register V is output on MCP-
WMV pin
Bit 4 = PWMU: PWM U output control
0: PWM on Compare Register U is not output on
MCPWMU pin
1: PWM on Compare Register U is output on
MCPWMU pin
Bits 3:0 = OT[3:0]: Off Time selection
These bits are used to select the OFF time in sen-
sorless current mode as shown in the following ta-
ble.
Table 76. OFF time bits
Note: Times are indicated for 4 MHz fPERIPH
7
6
5
43
21
0
DG
PWMW PWMV PWMU
OT3
OT2
OT1
OT0
OT3 OT2 OT1 OT0
Off Time sen-
sorless mode
(SR=0)
(DS[3:0]=0)
Sensor Mode
(SR=1) or sam-
pling during ON
ime in sensor-
less (SPLG =1
and/or DS [3:0]
bits)
0
0
0
0
2.5 µs
No minimum off -
time
0
0
0
1
5 µs
0
0
1
0
7.5 µs
0
0
1
1
10 µs
0
1
0
0
12.5 µs
0
1
0
1
15 µs
0
1
1
0
17.5 µs
0
1
1
1
20 µs
1
0
0
0
22.5 µs
1
0
0
1
25 µs
1
0
1
0
27.5 µs
1
0
1
1
30 µs
1
1
0
0
32.5
µs
1
101
35
µs
1
1
1
0
37.5
µs
1
111
40
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com